전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ24773 데이터시트(PDF) 4 Page - Texas Instruments

부품명 BQ24773
상세설명  bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ24773 데이터시트(HTML) 4 Page - Texas Instruments

  BQ24773_15 Datasheet HTML 1Page - Texas Instruments BQ24773_15 Datasheet HTML 2Page - Texas Instruments BQ24773_15 Datasheet HTML 3Page - Texas Instruments BQ24773_15 Datasheet HTML 4Page - Texas Instruments BQ24773_15 Datasheet HTML 5Page - Texas Instruments BQ24773_15 Datasheet HTML 6Page - Texas Instruments BQ24773_15 Datasheet HTML 7Page - Texas Instruments BQ24773_15 Datasheet HTML 8Page - Texas Instruments BQ24773_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
27-May-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
BQ24770RUYR
ACTIVE
WQFN
RUY
28
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
BQ
24770
BQ24770RUYT
ACTIVE
WQFN
RUY
28
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
BQ
24770
BQ24773RUYR
ACTIVE
WQFN
RUY
28
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
BQ
24773
BQ24773RUYT
ACTIVE
WQFN
RUY
28
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
BQ
24773
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


유사한 부품 번호 - BQ24773_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ24773RUYR TI-BQ24773RUYR Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773RUYT TI-BQ24773RUYT Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
More results

유사한 설명 - BQ24773_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com