전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBAD54R1 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 QBAD54R1
상세설명  Alphanumeric Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

QBAD54R1 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBAD54R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers QBAD54R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QBAD54XXZ_series
0.54” Dual Digit
Alphanumeric Display
Product: QBAD54XXZ_series
Date: February 1, 2012
Page 9 of 10
Version# 1.0
Ordering Information:
Product
Orderable Part #
Spec Range
Quantity Per
Board
CC
CA
CC
CA
QBAD54R1
QBAD54R0
QBAD54R1
QBAD54R0
Iv= 22 mcd typ.
@ IF=20mA
90 pcs
QBAD54Y1
QBAD54Y0
QBAD54Y1
QBAD54Y0
Iv= 30 mcd typ.
@ IF=20mA
90 pcs
QBAD54AG1 QBAD54AG0
QBAD54AG1
QBAD54AG0
Iv= 12 mcd typ.
@ IF=20mA
90 pcs


유사한 부품 번호 - QBAD54R1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
More results

유사한 설명 - QBAD54R1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
logo
OSRAM GmbH
PD243X OSRAM-PD243X Datasheet
146Kb / 7P
   Alphanumeric Programmable Display
logo
List of Unclassifed Man...
QBASS40YG1 ETC2-QBASS40YG1 Datasheet
587Kb / 10P
   Alphanumeric SMD Display
QBASS40YGZ ETC1-QBASS40YGZ Datasheet
587Kb / 10P
   Alphanumeric SMD Display
logo
OSRAM GmbH
PDSP1880 OSRAM-PDSP1880 Datasheet
873Kb / 15P
   Alphanumeric Programmable Display?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com