| 전자부품 데이터시트 검색엔진 |
|
PIC16F628A-E/SS 데이터시트(PDF) 151 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F628A-E/SS 데이터시트(HTML) 151 Page - Microchip Technology |
|
151 / 168 page ![]() 2002 Microchip Technology Inc. Preliminary DS40044A-page 149 PIC16F627A/628A/648A 19.0 PACKAGING INFORMATION 19.1 Package Marking Information * Standard PICmicro device marking consists of Microchip part number, year code, week code, and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. 20-LEAD SSOP 18-LEAD SOIC (.300") 18-LEAD PDIP (.300") EXAMPLE EXAMPLE EXAMPLE 28-LEAD QFN XXXXXXXX XXXXXXXX YYWWNNN EXAMPLE XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXXX PIC16F627A-I/P 0210017 YYWWNNN XXXXXXXXXXXX XXXXXXXXXXXX XXXXXXXXXXXX 0210017 PIC16F628A YYWWNNN XXXXXXXXXXX XXXXXXXXXXX 0210017 PIC16F648A 16F628A 0210017 -I/ML -E/SO -I/SS Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. |