전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2110AW-ESR 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 CMT2110AW-ESR
상세설명  Low-Cost 240 ??960 MHz OOK Transmitter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2110AW-ESR 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CMT2110AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 12Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 13Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CMT2110/17AW
Rev 1.2 | Page 10/25
www.hoperf.com
4. Typical Application Schematics
4.1 Low-Cost Application Schematic
DATA
U1
XTAL
VDD
GND
RFO
1
2
3
5
6
X1
4
CLK
DATA
L2
L1
C2
C1
C0
VDD
DATA
CLK
J1
VDD
1
2
3
4
VDD
CMT2110/17AW
ANT
CLK
Note: Connector J1 is for
EEPROM Programming
Figure 9. Low-Cost Application Schematic
Notes:
1.
Connector J1 is a must for the CMT2110/17AW EEPROM access during development or manufacture.
2.
The general layout guidelines are listed below. For more design details, please refer to “AN101 CMT211xA Schematic and
PCB Layout Design Guideline”
Use as much continuous ground plane metallization as possible.
Use as many grounding vias (especially near to the GND pins) as possible to minimize series parasitic inductance
between the ground pour and the GND pins.
Avoid using long and/or thin transmission lines to connect the components.
Avoid placing the nearby inductors in the same orientation to reduce the coupling between them.
Place C0 as close to the CMT2110/17AW as possible for better filtering.
3.
The table below shows the BOM of 433.92/868.35 MHz Low-Cost Application. For the BOM of 315/915 MHz application,
please refer to “AN101 CMT211xA Schematic and PCB Layout Design Guideline”.
Table 8. BOM of 433.92/868.35 MHz Low-Cost Application
Designator
Descriptions
Value
Unit
Manufacturer
433.92 MHz
868.35 MHz
[1]
U1
CMT2110/17AW, Low-Cost 240 – 960 MHz
OOK Transmitter
-
-
CMOSTEK
X1
±20 ppm, SMD32*25 mm crystal
26
MHz
EPSON
C0
±20%, 0402 X7R, 25 V
0.1
uF
Murata GRM15
C1
±5%, 0402 NP0, 50 V
82
82
pF
Murata GRM15
C2
±5%, 0402 NP0, 50 V
9
3.9
pF
Murata GRM15
L1
±5%, 0603 multi-layer chip inductor
180
100
nH
Murata LQG18
L2
±5%, 0603 multi-layer chip inductor
27
8.2
nH
Murata LQG18
Note:
[1]. The 868.35 MHz Application is for CMT2117AW only.


유사한 부품 번호 - CMT2110AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2110AW-ESR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com