전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2110AW-ESR 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 CMT2110AW-ESR
상세설명  Low-Cost 240 ??960 MHz OOK Transmitter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2110AW-ESR 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  CMT2110AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CMT2110/17AW
Rev 1.2 | Page 5/25
www.hoperf.com
1. Electrical Characteristics
VDD = 3.3 V, TOP = 25 , FRF
= 433.92 MHz, output power is +10 dBm terminated in a matched 50 Ω impedance, unless
otherwise noted.
1.1 Recommended Operating Conditions
Table 3. Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operation Voltage Supply
VDD
1.8
3.6
V
Operation Temperature
TOP
-40
85
Supply Voltage Slew Rate
1
mV/us
1.2 Absolute Maximum Ratings
Table 4. Absolute Maximum Ratings
[1]
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
3.6
V
Interface Voltage
VIN
-0.3
VDD + 0.3
V
Junction Temperature
TJ
-40
125
Storage Temperature
TSTG
-50
150
Soldering Temperature
TSDR
Lasts at least 30 seconds
255
ESD Rating
Human Body Model (HBM)
-2
2
kV
Latch-up Current
@ 85 ℃
-100
100
mA
Note:
[1]. Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Caution! ESD sensitive device. Precaution should be used when handling the device in order
to prevent permanent damage.


유사한 부품 번호 - CMT2110AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2110AW-ESR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com