전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2110AW-ESR 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 CMT2110AW-ESR
상세설명  Low-Cost 240 ??960 MHz OOK Transmitter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2110AW-ESR 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CMT2110AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2110AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CMT2110/17AW
Rev 1.2 | Page 6/25
www.hoperf.com
1.3 Transmitter Specifications
Table 5. Transmitter Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency Range
[1]
FRF
CMT2110AW
240
480
MHz
CMT2117AW
240
960
MHz
Synthesizer Frequency
Resolution
FRES
FRF
≤ 480 MHz
198
Hz
FRF > 480 MHz
398
Hz
Maximum Output Power
POUT(Max)
+13
dBm
Minimum Output Power
POUT(Min)
-10
dBm
Output Power Step Size
PSTEP
1
dB
PA Ramping Time
[2]
tRAMP
0
1024
us
Current Consumption
@ 433.92 MHz
IDD433.92
0 dBm, 50% duty cycle
6.7
mA
+10 dBm, 50% duty cycle
13.4
mA
+13 dBm, 50% duty cycle
17.4
mA
Current Consumption
@ 868.35 MHz
IDD868.35
0 dBm, 50% duty cycle
8.0
mA
+10 dBm, 50% duty cycle
15.5
mA
+13 dBm, 50% duty cycle
19.9
mA
Sleep Current
ISLEEP
20
nA
Symbol Rate
SR
0.5
30
ksps
Frequency Tune Time
tTUNE
370
us
Phase Noise @ 433.92
MHz
PN433.92
100 kHz offset from FRF
-81
dBc/Hz
200 kHz offset from FRF
-83
dBc/Hz
400 kHz offset from FRF
-92
dBc/Hz
600 kHz offset from FRF
-97
dBc/Hz
1.2 MHz offset from FRF
-107
dBc/Hz
Phase Noise @ 868.35
MHz
PN868.35
100 kHz offset from FRF
-75
dBc/Hz
200 kHz offset from FRF
-77
dBc/Hz
400 kHz offset from FRF
-86
dBc/Hz
600 kHz offset from FRF
-91
dBc/Hz
1.2 MHz offset from FRF
-101
dBc/Hz
Harmonics Output for
433.92 MHz
[3]
H2433.92
2
nd harm @ 867.84 MHz, +13 dBm P
OUT
-52
dBm
H3433.92
3
rd harm @ 1301.76 MHz, +13 dBm P
OUT
-60
dBm
Harmonics Output for
868.35 MHz
[3]
H2868.35
2
nd harm @ 1736.7 MHz, +13 dBm P
OUT
-67
dBm
H3868.35
3
rd harm @ 2605.05 MHz, +13 dBm P
OUT
-55
dBm
OOK Extinction Ration
60
dB
Notes:
[1]. The frequency range is continuous over the specified range.
[2]. 0 and 2
n us, n = 0 to 10, when set to “0”, the PA output power will ramp to its configured value in the shortest possible
time.
[3]. The harmonics output is measured with the application shown as Figure 10.


유사한 부품 번호 - CMT2110AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2110AW-ESR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
Low Cost Six-Way Power Divider 824 - 960 MHz
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com