전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2113AW-ESR 데이터시트(PDF) 15 Page - List of Unclassifed Manufacturers

부품명 CMT2113AW-ESR
상세설명  Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2113AW-ESR 데이터시트(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CMT2113AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 12Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 13Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 14Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 15Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 16Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 17Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 18Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
CMT2113AW
Rev 0.8 | Page 15/26
www.hoperf.com
SRMax
≤ 0.5 * (
1
tRAMP
)
In which the PA ramping “rate” is given by (1/tRAMP). In other words, by knowing the maximum symbol rate in the application,
the PA ramping time can be calculated by formula below.
tRAMP
≤ 0.5 * (
1
SRMAX
)
The user can select one of the values of the tRAMP in the available options that meet the above requirement. If somehow the
tRAMP is set to be longer than “0.5 * (1/SRMax)”, it will possibly bring additional challenges to the OOK demodulation of the Rx
device. For more detail of calculating tRAMP, please refer to “AN122 CMT2113A Configuration Guideline”.
Time
Time
Logic 1
Logic 0
1024 us
512 us
8 us
4 us
2 us
1 us
0 us
Figure 13. PA Ramping Time
5.6 Crystal Oscillator and RCLK
The CMT2113AW uses a 1-pin crystal oscillator circuit with the required crystal load capacitance integrated on-chip. Figure 14
shows the configuration of the XTAL circuitry and the crystal model. The recommended specification for the crystal is 26 MHz
with ±20 ppm, ESR (Rm) <
60 Ω, load capacitance CLOAD ranging from 12 to 20 pF. To save the external load capacitors, a set
of variable load capacitors CL is built inside the CMT2113AW to support the oscillation of the crystal.
The value of load capacitors is configurable with the CMOSTEK USB Programmer and RFPDK. To achieve the best
performance, the user only needs to input the desired value of the XTAL load capacitance CLOAD of the crystal (can be found in
the datasheet of the crystal) to the RFPDK, then finely tune the required XO load capacitance according to the actual XO
frequency. Please refer to “AN103 CMT211xA-221xA One-Way RF Link Development Kits Users Guide” for the method of
choosing the right value of CL.
CMT2113AW
XTAL
Crystal Model
Rm
Cm
CL
C0
Lm
CMT2113AW
XTAL
CL
RCLK
26 MHz
Cc
0. 3 – 0. 7 Vpp
Figure 15. RCLK Circuitry
Figure 14. XTAL Circuitry and Crystal Model


유사한 부품 번호 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2117AW-ESR ETC2-CMT2117AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com