전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2113AW-ESR 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers

부품명 CMT2113AW-ESR
상세설명  Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2113AW-ESR 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CMT2113AW-ESR Datasheet HTML 17Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 18Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 19Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 20Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 21Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 22Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 23Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 24Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CMT2113AW
Rev 0.8 | Page 21/26
www.hoperf.com
7. Ordering Information
Table 14. CMT2113AW Ordering Information
Part Number
Descriptions
Package
Type
Package
Option
Operating
Condition
MOQ /
Multiple
CMT2113AW-ESR
[1]
Low-Cost 240-480 MHz
(G)FSK/OOK Transmitter
SOT23-6
Tape & Reel
1.8 to 3.6 V,
-40 to 85 ℃
3,000
Notes:
[1]. “E” stands for extended industrial product grade, which supports the temperature range from -40 to +85 ℃.
“S” stands for the package type of SOT23-6.
“R” stands for the tape and reel package option, the minimum order quantity (MOQ) for this option is 3,000 pieces.
The default frequency for CMT2113AW-ESR is 433.92 MHz, for the other settings, please refer to the Table 10 of Page
14.
Visit www.cmostek.com/products to know more about the product and product line.
Contact sales@cmostek.com or your local sales representatives for more information.


유사한 부품 번호 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2117AW-ESR ETC2-CMT2117AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com