전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2113AW-ESR 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 CMT2113AW-ESR
상세설명  Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2113AW-ESR 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  CMT2113AW-ESR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CMT2113AW
Rev 0.8 | Page 3/26
www.hoperf.com
Abbreviations
Abbreviations used in this data sheet are described below
AN
Application Notes
PA
Power Amplifier
BOM
Bill of Materials
PC
Personal Computer
BSC
Basic Spacing between Centers
PCB
Printed Circuit Board
EEPROM
Electrically Erasable Programmable Read-Only
Memory
PN
Phase Noise
RCLK
Reference Clock
ESD
ESR
Electro-Static Discharge
Equivalent Series Resistance
RF
Radio Frequency
RFPDK
RF Product Development Kit
ETSI
European Telecommunications Standards
Institute
RoHS
Restriction of Hazardous Substances
Rx
Receiving, Receiver
FCC
Federal Communications Commission
SOT
Small-Outline Transistor
FSK
Frequency Shift Keying
SR
Symbol Rate
GFSK
Gauss Frequency Shift Keying
TWI
Two-wire Interface
Max
Maximum
Tx
Transmission, Transmitter
MCU
Microcontroller Unit
Typ
Typical
Min
Minimum
USB
Universal Serial Bus
MOQ
Minimum Order Quantity
XO/XOSC
Crystal Oscillator
NP0
Negative-Positive-Zero
XTAL
Crystal
OBW
Occupied Bandwidth
PA
Power Amplifier
OOK
On-Off Keying


유사한 부품 번호 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2117AW-ESR ETC2-CMT2117AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com