전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2113AW-ESR 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 CMT2113AW-ESR
상세설명  Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2113AW-ESR 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CMT2113AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers CMT2113AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CMT2113AW
Rev 0.8 | Page 7/26
www.hoperf.com
1.4 Crystal Oscillator
Table 5. Crystal Oscillator Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Crystal Frequency
[1]
FXTAL
26
26
26
MHz
Crystal Tolerance
[2]
±20
ppm
Load Capacitance
[3]
CLOAD
12
20
pF
Crystal ESR
Rm
60
Ω
XTAL Startup Time
[4]
tXTAL
400
us
Notes:
[1]. The CMT2113AW can directly work with external 26 MHz reference clock input to XTAL pin (a coupling capacitor is
required) with amplitude 0.3 to 0.7 Vpp.
[2]. This is the total tolerance including (1) initial tolerance, (2) crystal loading, (3) aging, and (4) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and channel spacing/bandwidth.
[3]. The required crystal load capacitance is integrated on-chip to minimize the number of external components.
[4]. This parameter is to a large degree crystal dependent.


유사한 부품 번호 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2117AW-ESR ETC2-CMT2117AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2113AW-ESR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com