전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2119AW-ESR 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 CMT2119AW-ESR
상세설명  240 ??960 MHz (G)FSK/OOK Transmitter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2119AW-ESR 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CMT2119AW-ESR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CMT2119AW
Rev 0.9 | Page 6/29
www.hoperf.com
1.3 Transmitter Specifications
Table 4. Transmitter Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Frequency Range
[1]
FRF
240
960
MHz
Synthesizer Frequency
Resolution
FRES
FRF
≤ 480 MHz
198
Hz
FRF > 480 MHz
397
Hz
Symbol Rate
SR
FSK/GFSK
0.5
100
ksps
OOK
0.5
30
ksps
(G)FSK Modulation
Deviation Range
FDEV
1
200
kHz
Bandwidth-Time Product
BT
GFSK modulation
-
0.5
-
-
Maximum Output Power
POUT(Max)
+13
dBm
Minimum Output Power
POUT(Min)
-10
dBm
Output Power Step Size
PSTEP
1
dB
OOK PA Ramping Time
[2]
tRAMP
0
1024
us
Current Consumption
@ 433.92 MHz
IDD-433.92
OOK, 0 dBm, 50% duty cycle
6.7
mA
OOK, +10 dBm, 50% duty cycle
13.4
mA
OOK, +13 dBm, 50% duty cycle
17.4
mA
FSK, 0 dBm, 9.6 ksps
10.5
mA
FSK, +10 dBm, 9.6 ksps
23.5
mA
FSK, +13 dBm, 9.6 ksps
32.5
mA
Current Consumption
@ 868.35 MHz
IDD-868.35
OOK, 0 dBm, 50% duty cycle
8.0
mA
OOK, +10 dBm, 50% duty cycle
15.5
mA
OOK, +13 dBm, 50% duty cycle
19.9
mA
FSK, 0 dBm, 9.6 ksps
12.3
mA
FSK, +10 dBm, 9.6 ksps
27.6
mA
FSK, +13 dBm, 9.6 ksps
36.1
mA
Sleep Current
ISLEEP
20
nA
Frequency Tune Time
tTUNE
370
us
Phase Noise @ 433.92
MHz
PN433.92
100 kHz offset from FRF
-80
dBc/Hz
600 kHz offset from FRF
-98
dBc/Hz
1.2 MHz offset from FRF
-107
dBc/Hz
Phase Noise @ 868.35
MHz
PN868.35
100 kHz offset from FRF
-74
dBc/Hz
600 kHz offset from FRF
-92
dBc/Hz
1.2 MHz offset from FRF
-101
dBc/Hz
Harmonics Output for
433.92 MHz
[3]
H2433.92
2
nd harm @ 867.84 MHz, +13 dBm P
OUT
-52
dBm
H3433.92
3
rd harm @ 1301.76 MHz, +13 dBm P
OUT
-60
dBm
Harmonics Output for
868.35 MHz
[3]
H2868.35
2
nd harm @ 1736.7 MHz, +13 dBm P
OUT
-67
dBm
H3868.35
3
rd harm @ 2605.05 MHz, +13 dBm P
OUT
-55
dBm
OOK Extinction Ration
60
dB
Notes:
[1]. The frequency range is continuous over the specified range.
[2]. 0 and 2
n us, n = 0 to 10, when set to “0”, the PA output power will ramp to its configured value in the shortest possible
time.
[3]. The harmonics output is measured with the application shown as Figure 10.


유사한 부품 번호 - CMT2119AW-ESR

제조업체부품명데이터시트상세설명
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2119AW-ESR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com