전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2119AW-ESR 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 CMT2119AW-ESR
상세설명  240 ??960 MHz (G)FSK/OOK Transmitter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2119AW-ESR 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CMT2119AW-ESR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers CMT2119AW-ESR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CMT2119AW
Rev 0.9 | Page 8/29
www.hoperf.com
2. Pin Descriptions
1
2
3
4
5
6
XTAL
GND
DATA
CLK
RFO
VDD
Figure 2. CMT2119AW Pin Assignments
Table 6. CMT2119AW Pin Descriptions
Pin Number
Name
I/O
Descriptions
1
XTAL
I
26 MHz single-ended crystal oscillator input or
External 26 MHz reference clock input
2
GND
I
Ground
3
DATA
IO
Data input to be transmitted or
Data pin to access the embedded EEPROM
Pulled down internally to GND when configured as Transmission Enabled by
DATA Pin Falling Edge and used as input pin
Pulled up internally to VDD when configured as Transmission Enabled by DATA
Pin Rising Edge and used as input pin
4
CLK
I
Clock pin to control the device
Clock pin to access the embedded EEPROM
Pulled up internally to VDD
5
RFO
O
Power amplifier output
6
VDD
I
Power supply input


유사한 부품 번호 - CMT2119AW-ESR

제조업체부품명데이터시트상세설명
logo
IET Labs Inc.
CMT2119AW-ESR IET-CMT2119AW-ESR Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results

유사한 설명 - CMT2119AW-ESR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
List of Unclassifed Man...
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
Low-Cost 240 ??960 MHz OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com