전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMT2257AW-EQR 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 CMT2257AW-EQR
상세설명  300 ??960 MHz OOK/(G)FSK Receiver with Decoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2257AW-EQR 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  CMT2257AW-EQR Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT2257AW-EQR Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT2257AW-EQR Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT2257AW-EQR Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT2257AW-EQR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMT2257AW
Rev 1.0 | Page 3 / 5
www.hoperf.com
Typical Application
U1
CMT2257AW
XIN
XOUT
DATA1
DATA0/TEST
GND
RFIN
GND
VDD
L1
C1
C0
ANT
13
14
15
16
5
6
7
8
C2
X 1
DATA0
VDD
J1
1
2
3
4
5
CSB
SDA
SCL
L2
C3
VDD
DATA1
DATA2
DATA3
VDD
LED1
R1
Notes:
1. Connector J1 is for EEPROM Programming.
2. Same BOM is required for CMT2250AW in QFN and SOP packages
DATA1
LED0
R0
DATA0
LED3
R3
DATA3
LED2
R2
DATA2
Figure 1. CMT2257AW Typical Application Schematic
Table 3. BOM of Typical Application
Designator
Descriptions
Value (Match to 50
Ω ANT) Value (Common Used ANT)
Unit
Manufacturer
433.92 MHz
868.35 MHz
433.92 MHz
868.35 MHz
U1
CMT2257AW, 300 – 960
MHz OOK/(G)FSK
receiver with decoder
-
-
-
CMOSTEK
X1
±20 ppm, SMD32*25 mm,
crystal
26
26
MHz
EPSON
L1
±5%, 0603 multi-layer chip
inductor
27
6.8
33
6.8
nH
Murata LQG18
L2
±5%, 0603 multi-layer chip
inductor
22
3.9
22
3.9
nH
Murata LQG18
C1
±0.25 pF, 0402 NP0, 50 V
3.3
2.7
2.7
2.7
pF
Murata GRM15
C0
±20%, 0402 X7R, 25 V
0.1
0.1
uF
Murata GRM15
C2, C3
±5%, 0402 NP0, 50 V
27
27
pF
Murata GRM15
R0/1/2/3
5%, 0402 chip resistor
330
330
Ω
LED0/1/2/3
SMD3528, orange LED
40
40
mW


유사한 부품 번호 - CMT2257AW-EQR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2250AW-EDB ETC2-CMT2250AW-EDB Datasheet
355Kb / 4P
300 ??480 MHz OOK Receiver with Decoder
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
300 ??480 MHz OOK Receiver with Decoder
CMT2250AW-ESR ETC2-CMT2250AW-ESR Datasheet
355Kb / 4P
300 ??480 MHz OOK Receiver with Decoder
CMT2251AW-EQR ETC2-CMT2251AW-EQR Datasheet
303Kb / 3P
300 ??480 MHz OOK Receiver with Decoder and 1 PWM Output
More results

유사한 설명 - CMT2257AW-EQR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
240 ??960 MHz (G)FSK/OOK Transmitter
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2210AW-EQR ETC2-CMT2210AW-EQR Datasheet
896Kb / 28P
Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
300 ??480 MHz OOK Receiver with Decoder
CMT2251AW-EQR ETC2-CMT2251AW-EQR Datasheet
303Kb / 3P
300 ??480 MHz OOK Receiver with Decoder and 1 PWM Output
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
FSK/OOK Receiver
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com