전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC17C44-16/P 데이터시트(PDF) 109 Page - Microchip Technology

부품명 PIC17C44-16/P
상세설명  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/P 데이터시트(HTML) 109 Page - Microchip Technology

Back Button PIC17C44-16/P Datasheet HTML 105Page - Microchip Technology PIC17C44-16/P Datasheet HTML 106Page - Microchip Technology PIC17C44-16/P Datasheet HTML 107Page - Microchip Technology PIC17C44-16/P Datasheet HTML 108Page - Microchip Technology PIC17C44-16/P Datasheet HTML 109Page - Microchip Technology PIC17C44-16/P Datasheet HTML 110Page - Microchip Technology PIC17C44-16/P Datasheet HTML 111Page - Microchip Technology PIC17C44-16/P Datasheet HTML 112Page - Microchip Technology PIC17C44-16/P Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 109
PIC17C4X
15.2
Q Cycle Activity
Each instruction cycle (Tcy) is comprised of four Q
cycles (Q1-Q4). The Q cycles provide the timing/desig-
nation for the Decode, Read, Execute, Write etc., of
each instruction cycle. The following diagram shows
the relationship of the Q cycles to the instruction cycle.
The 4 Q cycles that make up an instruction cycle (Tcy)
can be generalized as:
Q1: Instruction Decode Cycle or forced NOP
Q2: Instruction Read Cycle or NOP
Q3: Instruction Execute
Q4: Instruction Write Cycle or NOP
Each instruction will show the detailed Q cycle opera-
tion for the instruction.
FIGURE 15-2: Q CYCLE ACTIVITY
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Tcy1
Tcy2
Tcy3
Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More