전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC17C44-16/P 데이터시트(PDF) 210 Page - Microchip Technology

부품명 PIC17C44-16/P
상세설명  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-16/P 데이터시트(HTML) 210 Page - Microchip Technology

Back Button PIC17C44-16/P Datasheet HTML 206Page - Microchip Technology PIC17C44-16/P Datasheet HTML 207Page - Microchip Technology PIC17C44-16/P Datasheet HTML 208Page - Microchip Technology PIC17C44-16/P Datasheet HTML 209Page - Microchip Technology PIC17C44-16/P Datasheet HTML 210Page - Microchip Technology PIC17C44-16/P Datasheet HTML 211Page - Microchip Technology PIC17C44-16/P Datasheet HTML 212Page - Microchip Technology PIC17C44-16/P Datasheet HTML 213Page - Microchip Technology PIC17C44-16/P Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 240 page
background image
PIC17C4X
DS30412C-page 210
© 1996 Microchip Technology Inc.
21.6
Package Marking Information
44-Lead TQFP
XXXXXXXXXX
AABBCDE
XXXXXXXXXX
XXXXXXXXXX
44-Lead PLCC
XXXXXXXXXX
AABBCDE
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
AABBCDE
40-Lead PDIP/CERDIP
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXX
XXXXXXXXXXX
AABBCDE
40 Lead CERDIP Windowed
XXXXXXXXXXX
Example
-25/TQ
9450CAT
PIC17C44
L247
Example
PIC17C42
9445CCN
-16I/L
L013
L006
9441CCA
Example
PIC17C43-25I/P
PIC17C44
9444CCT
Example
L184
/JW
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
C = Chandler, Arizona, U.S.A.,
S = Tempe, Arizona, U.S.A.
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line,
it will be carried over to the next line thus limiting the number of available
characters for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week
code, facility code, mask rev#, and assembly code. For OTP marking beyond
this, certain price adders apply. Please check with your Microchip Sales
Office. For QTP devices, any special marking adders are included in QTP
price.
44-Lead MQFP
XXXXXXXXXX
AABBCDE
XXXXXXXXXX
XXXXXXXXXX
Example
-25/PT
9450CAT
PIC17C44
L247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More