전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC71-04/SS 데이터시트(PDF) 157 Page - Microchip Technology

부품명 PIC16LC71-04/SS
상세설명  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04/SS 데이터시트(HTML) 157 Page - Microchip Technology

Back Button PIC16LC71-04/SS Datasheet HTML 153Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 154Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 155Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 156Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 157Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 158Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 159Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 160Page - Microchip Technology PIC16LC71-04/SS Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 157
PIC16C71X
17.3
18-Lead Plastic Surface Mount (SOIC - Wide, 300 mil Body)(SO)
Package Group: Plastic SOIC (SO)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
8
°
0
°
8
°
A
2.362
2.642
0.093
0.104
A1
0.101
0.300
0.004
0.012
B
0.355
0.483
0.014
0.019
C
0.241
0.318
0.009
0.013
D
11.353
11.735
0.447
0.462
E
7.416
7.595
0.292
0.299
e
1.270
1.270
Reference
0.050
0.050
Reference
H
10.007
10.643
0.394
0.419
h
0.381
0.762
0.015
0.030
L
0.406
1.143
0.016
0.045
N
18
18
18
18
CP
–
0.102
–
0.004
B
e
N
Index
Area
Chamfer
h x 45
°
α
E
H
1
2
3
CP
h x 45
°
C
L
Seating
Plane
Base
Plane
D
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More