전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0787261005 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 0787261005
상세설명  DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0787261005 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  0787261005 Datasheet HTML 1Page - Molex Electronics Ltd. 0787261005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/24/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0787261005
Status:
Active
Overview:
DDR4 DIMM Sockets
Description:
DDR4 DIMM Socket, Vertical Through-Hole, 0.76µm Gold Plating, 288 Circuits, PCB
Thickness 2.36mm, Tail Length 3.18mm, Black Housing, White Latch
Documents:
Drawing (PDF)
Application Specification AS-78726-002 (PDF)
Product Specification PS-78726-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
78726
Comments
Black Housing, White Latch
Component Type
Socket
Electrical Model
Yes
JEDEC Outline
MO-309
Overview
DDR4 DIMM Sockets
Product Name
DDR4 DIMM
UPC
887191398860
Physical
Circuits (Loaded)
288
Circuits (maximum)
288
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Nylon
Net Weight
6.713/g
PC Tail Length
3.18mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
2.36mm
Packaging Type
Tray
Pitch - Mating Interface
0.85mm
Pitch - Termination Interface
0.85mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.75A
Voltage - Maximum
29V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contains SVHC(2015
June 15): No
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
78726 Series


유사한 부품 번호 - 0787261005

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0787261002 MOLEX11-0787261002 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261003 MOLEX11-0787261003 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261004 MOLEX11-0787261004 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating,
0787261006 MOLEX11-0787261006 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261007 MOLEX11-0787261007 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
More results

유사한 설명 - 0787261005

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0787261004 MOLEX11-0787261004 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating,
0787261029 MOLEX11-0787261029 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261065 MOLEX11-0787261065 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261002 MOLEX11-0787261002 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261066 MOLEX11-0787261066 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
1510800102 MOLEX11-1510800102 Datasheet
65Kb / 2P
   DDR4 DIMM Socket, 25 Angled, Vertical Through-Hole, 0.76m Gold Plating
0787261011 MOLEX11-0787261011 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261042 MOLEX11-0787261042 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261040 MOLEX11-0787261040 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261023 MOLEX11-0787261023 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com