전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1510800102 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 1510800102
상세설명  DDR4 DIMM Socket, 25 Angled, Vertical Through-Hole, 0.76m Gold Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1510800102 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  1510800102 Datasheet HTML 1Page - Molex Electronics Ltd. 1510800102 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/30/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1510800102
Status:
Active
Overview:
DDR4 DIMM Sockets
Description:
DDR4 DIMM Socket, 25° Angled, Vertical Through-Hole, 0.76µm Gold Plating, 288
Circuits, PCB Thickness 1.70mm, Black Housing, Natural Latch
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
151080
Comments
Black Housing, Natural Latch
Component Type
Socket
Electrical Model
Yes
JEDEC Outline
MO-309
Overview
DDR4 DIMM Sockets
Product Name
DDR4 DIMM
UPC
889056200172
Physical
Circuits (Loaded)
288
Circuits (maximum)
288
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
25° Angle
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Nylon
Net Weight
24.105/g
PC Tail Length
2.67mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.70mm, 1.80mm
Packaging Type
Tray
Pitch - Mating Interface
0.85mm
Pitch - Termination Interface
0.85mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.75A
Voltage - Maximum
29V AC (RMS)/DC
Voltage Key
Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contains SVHC(2015
June 15): No
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
151080 Series


유사한 부품 번호 - 1510800102

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1510800101 MOLEX11-1510800101 Datasheet
66Kb / 2P
   DDR4 DIMM Socket, 25 Angled, Vertical Through-Hole, 0.76m Gold Plating
More results

유사한 설명 - 1510800102

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1510800001 MOLEX11-1510800001 Datasheet
65Kb / 2P
   DDR4 DIMM Socket, 25 Angled, Vertical Through-Hole, 0.76m Gold Plating
1510800101 MOLEX11-1510800101 Datasheet
66Kb / 2P
   DDR4 DIMM Socket, 25 Angled, Vertical Through-Hole, 0.76m Gold Plating
0787261004 MOLEX11-0787261004 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating,
0787261005 MOLEX11-0787261005 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating
0787261029 MOLEX11-0787261029 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261065 MOLEX11-0787261065 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261002 MOLEX11-0787261002 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261066 MOLEX11-0787261066 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261011 MOLEX11-0787261011 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261042 MOLEX11-0787261042 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com