전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S5106 데이터시트(PDF) 2 Page - Hamamatsu Corporation

부품명 S5106
상세설명  Si PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMAMATSU [Hamamatsu Corporation]
홈페이지  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5106 데이터시트(HTML) 2 Page - Hamamatsu Corporation

  S5106_15 Datasheet HTML 1Page - Hamamatsu Corporation S5106_15 Datasheet HTML 2Page - Hamamatsu Corporation S5106_15 Datasheet HTML 3Page - Hamamatsu Corporation S5106_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si PIN photodiode
S5106, S5107, S7509, S7510
0
200
400
600
800
1000
+1.0
+0.5
(Typ.)
+1.5
-0.5
WAVELENGTH (nm)
WAVELENGTH (nm)
0
200
400
600
0.1
0.2
0.3
0.4
0.5
800
1000
0.6
0.7
0.8
(Typ. Ta=25 ˚C)
s Spectral response
s Photo sensitivity temperature characteristic
KPINB0165EA
1 pA
0.1
1
10
100
10 pA
100 pA
1 nA
10 nA
(Typ. Ta=25 ˚C)
S7509
S5107, S7510
REVERSE VOLTAGE (V)
S5106
KPINB0166EA
s Dark current vs. reverse voltage
s Terminal capacitance vs. reverse voltage
10 pF
0.1
1
10
100
100 pF
1 nF
10 nF
(Typ. Ta=25 ˚C, f=1 MHz)
REVERSE VOLTAGE (V)
S5106
S7509
S5107
S7510
KPINB0128EA
KPINB0093EC
2


유사한 부품 번호 - S5106_15

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
S5106 HAMAMATSU-S5106 Datasheet
135Kb / 4P
   Si PIN photodiode Chip carrier package for surface mount
More results

유사한 설명 - S5106_15

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
S10993-02CT HAMAMATSU-S10993-02CT_15 Datasheet
240Kb / 6P
   Si PIN photodiode
S4349 HAMAMATSU-S4349 Datasheet
125Kb / 2P
   Si PIN photodiode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com