전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL100-H03-I 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 BL100-H03-I
상세설명  80mm Brushless DC Motor, 100W, 24V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BL100-H03-I 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  BL100-H03-I Datasheet HTML 1Page - List of Unclassifed Manufacturers BL100-H03-I Datasheet HTML 2Page - List of Unclassifed Manufacturers BL100-H03-I Datasheet HTML 3Page - List of Unclassifed Manufacturers BL100-H03-I Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BL100-H03-I
Part No. BL100-H03-I
1pc.
$200.00
25pc.
$172.00
50pc.
$150.00
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/BL100-H03-I.pdf
Speed-Torque Curves:
speed torque curves 80mm BL100-H03-I updated 1-21-14.pdf
2D Drawing:
BL100-H03-I_RevB.pdf
3D Drawing:
BL100-H03-I.igs
Torque Curves
Downloads


유사한 부품 번호 - BL100-H03-I

제조업체부품명데이터시트상세설명
logo
Bolymin, Inc
BL1002A BOLYMIN-BL1002A Datasheet
59Kb / 1P
   COB with metal frame 5x7 dots with cursor
More results

유사한 설명 - BL100-H03-I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD5-I6-AH ETC2-BD5-I6-AH Datasheet
301Kb / 4P
   Brushless DC Drive for 100W 80mm 24V motor
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
BL300-H04-I ETC2-BL300-H04-I Datasheet
196Kb / 4P
   80mm Brushless DC Motor,300W, 48V
BD10-I7-AH ETC2-BD10-I7-AH Datasheet
300Kb / 4P
   Brushless DC Drive for 200W 80mm 48V motor
BD10-I8-AH ETC2-BD10-I8-AH Datasheet
304Kb / 4P
   Brushless DC Drive for 300W 80mm 48V motor
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
   57mm Brushless DC Motor, 120W, 24V
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
   57mm Brushless DC Motor, 60W, 24V
BD5-H2-AH ETC2-BD5-H2-AH Datasheet
302Kb / 4P
   Brushless DC Drive for 57mm 60W 24V motor
logo
PULS GmbH
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
logo
Microchip Technology
AC300022 MICROCHIP-AC300022 Datasheet
118Kb / 1P
   24V 3-Phase Brushless DC Motor with Encoder
14-Nov-2011
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com