전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL120-H03-H 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BL120-H03-H
상세설명  57mm Brushless DC Motor, 120W, 24V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BL120-H03-H 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BL120-H03-H Datasheet HTML 1Page - List of Unclassifed Manufacturers BL120-H03-H Datasheet HTML 2Page - List of Unclassifed Manufacturers BL120-H03-H Datasheet HTML 3Page - List of Unclassifed Manufacturers BL120-H03-H Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Datasheet
www.Applied-Motion.com
BL120-H03-H
57mm Brushless DC Motor, 120W, 24V
1pc. - 200.00
50pc. - 150.00
Product Features
Brushless design for long life
Low maintenance
57 mm frame size
Peak torque to 5.13 in-lb
Hall signals for velocity feedback
Compatible with BD10-H4-AH brushless drive
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Submitted by Morgan Spenla on Wed, 2013-11-27 18:43
The BL120-H03-H is a three-phase brushless DC motor for use in velocity control applications. Paired with a
BD10-H4-AH brushless DC drive this motor provides excellent performance over a wide speed range.
Description


유사한 부품 번호 - BL120-H03-H

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
BL1200W BWTECH-BL1200W Datasheet
455Kb / 4P
   Schottky Barrier Diode
More results

유사한 설명 - BL120-H03-H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BD10-H4-AH ETC2-BD10-H4-AH Datasheet
307Kb / 4P
   Brushless DC Drive for 57mm 120W 24V motor
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
   57mm Brushless DC Motor, 60W, 24V
BD5-H2-AH ETC2-BD5-H2-AH Datasheet
302Kb / 4P
   Brushless DC Drive for 57mm 60W 24V motor
BL180-H04-H ETC2-BL180-H04-H Datasheet
199Kb / 4P
   57mm Brushless DC Motor, 180W, 48V
BD10-H5-AH ETC2-BD10-H5-AH Datasheet
303Kb / 4P
   Brushless DC Drive for 57mm 180W 48V motor
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
   80mm Brushless DC Motor, 100W, 24V
logo
Ningbo Leison Motor Co....
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
   DC Motor 120W
logo
List of Unclassifed Man...
BD5-I6-AH ETC2-BD5-I6-AH Datasheet
301Kb / 4P
   Brushless DC Drive for 100W 80mm 24V motor
logo
Microchip Technology
AC300022 MICROCHIP-AC300022 Datasheet
118Kb / 1P
   24V 3-Phase Brushless DC Motor with Encoder
14-Nov-2011
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com