![]() |
전자부품 데이터시트 검색엔진 |
|
1SV233-TB-E 데이터시트(PDF) 2 Page - ON Semiconductor |
|
|
1SV233-TB-E 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 6 page ![]() 1SV233 No.3088-2/6 Electrical Characteristics at Ta=25°C Parameter Symbol Conditions Ratings Unit min typ max Reverse Voltage VR IR=10μA50 V Reverse Current IR VR=50V 0.1 μA Forward Voltage VF IF=50mA 0.95 V Interterminal Capacitance C VR=50V, f=1MHz 0.23 pF Series Resistance rs IF=10mA, f=100MHz 5 Ω Ordering Information Device Package Shipping memo 1SV233-TB-E CP 3,000pcs./reel Pb Free |
유사한 부품 번호 - 1SV233-TB-E |
|
유사한 설명 - 1SV233-TB-E |
|
|
링크 URL |