전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM341 데이터시트(PDF) 150 Page - Silicon Laboratories

부품명 EM341
상세설명  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 데이터시트(HTML) 150 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 146Page - Silicon Laboratories EM341 Datasheet HTML 147Page - Silicon Laboratories EM341 Datasheet HTML 148Page - Silicon Laboratories EM341 Datasheet HTML 149Page - Silicon Laboratories EM341 Datasheet HTML 150Page - Silicon Laboratories EM341 Datasheet HTML 151Page - Silicon Laboratories EM341 Datasheet HTML 152Page - Silicon Laboratories EM341 Datasheet HTML 153Page - Silicon Laboratories EM341 Datasheet HTML 154Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 237 page
background image
EM341
Rev 1.0
151
TIM_CC2G
[2]
W
Capture/Compare 2 Generation.
0: Does nothing.
1: If CC2 configured as output channel:
The TIM_CC2IF flag is set.
If CC2 configured as input channel:
The TIM_CC2IF flag is set.
The INT_TIMMISSCC2IF flag is set if the TIM_CC2IF flag was already high.
The current value of the counter is captured in TMRx_CCR2 register.
TIM_CC1G
[1]
W
Capture/Compare 1 Generation.
0: Does nothing.
1: If CC1 configured as output channel:
The TIM_CC1IF flag is set.
If CC1 configured as input channel:
The TIM_CC1IF flag is set.
The INT_TIMMISSCC1IF flag is set if the TIM_CC1IF flag was already high.
The current value of the counter is captured in TMRx_CCR1 register.
TIM_UG
[0]
W
Update Generation.
0: Does nothing.
1: Re-initializes the counter and generates an update of the registers. This also
clears the prescaler counter but the prescaler ratio is not affected. The counter is
cleared if center-aligned mode is selected or if TIM_DIR=0 (up-counting), other-
wise it takes the auto-reload value (TMR1_ARR) if TIM_DIR=1 (down-counting).
Bitname
Bitfield Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More