전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9779WD 데이터시트(PDF) 105 Page - STMicroelectronics

부품명 L9779WD
상세설명  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD 데이터시트(HTML) 105 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 101Page - STMicroelectronics L9779WD Datasheet HTML 102Page - STMicroelectronics L9779WD Datasheet HTML 103Page - STMicroelectronics L9779WD Datasheet HTML 104Page - STMicroelectronics L9779WD Datasheet HTML 105Page - STMicroelectronics L9779WD Datasheet HTML 106Page - STMicroelectronics L9779WD Datasheet HTML 107Page - STMicroelectronics L9779WD Datasheet HTML 108Page - STMicroelectronics L9779WD Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 170 page
background image
DocID027452 Rev 5
105/170
L9779WD
Functional description
169
Figure 67. Adaptive Filter Function when the MSC bit is 10 or 11
Limited adaptive mode
Auto time adaptive filter is fixed to 4 µs (typical).
Auto amplitude adaptive filter is limited to a minimum hysteresis as set by related VRS
register. Note that in case the VRS input amplitude is persistently lower than the minimum
hysteresis setting, VRS output deadlock can be removed by setting CONFIG_REG5 bit5 to
1, which forces the hysteresis to 5 µA. This procedure is not glitch free. Once a new
minimum hysteresis value has been set, CONFIG_REG5 bit5 must return to 0
VRS diagnostic is not available when limited adaptive mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More