| 전자부품 데이터시트 검색엔진 |
|
STM32F746IG 데이터시트(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746IG 데이터시트(HTML) 155 Page - STMicroelectronics |
|
155 / 227 page ![]() DocID027590 Rev 4 155/227 STM32F745xx STM32F746xx Electrical characteristics 195 The 20mA output drive requirement in Fast-mode Plus is not supported. This limits the maximum load Cload supported in Fm+, which is given by these formulas: • Tr(SDA/SCL)=0.8473xRpxCload • Rp(min)= (VDD-VOL(max))/IOL(max) Where Rp is the I2C lines pull-up. Refer to Section 5.3.17: I/O port characteristics for the I2C I/Os characteristics. All I2C SDA and SCL I/Os embed an analog filter. Refer to the table below for the analog filter characteristics: Table 75. I2C analog filter characteristics(1) 1. Guaranteed by characterization results. Symbol Parameter Min Max Unit tAF Maximum pulse width of spikes that are suppressed by the analog filter 50(2) 2. Spikes with widths below tAF(min) are filtered. 150(3) 3. Spikes with widths above tAF(max) are not filtered ns |