| 전자부품 데이터시트 검색엔진 |
|
STM32L162VD 데이터시트(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L162VD 데이터시트(HTML) 111 Page - STMicroelectronics |
|
111 / 115 page ![]() DocID027268 Rev 3 111/115 STM32L162VD-X Package information 114 7.2 Thermal characteristics The maximum chip-junction temperature, TJ max, in degrees Celsius, may be calculated using the following equation: TJ max = TA max + (PD max × ΘJA) Where: • TA max is the maximum ambient temperature in ° C, •ΘJA is the package junction-to-ambient thermal resistance, in ° C/W, • PD max is the sum of PINT max and PI/O max (PD max = PINT max + PI/Omax), • PINT max is the product of IDD and VDD, expressed in Watts. This is the maximum chip internal power. PI/O max represents the maximum power dissipation on output pins where: PI/O max = Σ (VOL × IOL) + Σ((VDD – VOH) × IOH), taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the application. Figure 30. Thermal resistance suffix 6 Table 66. Thermal characteristics Symbol Parameter Value Unit ΘJA Thermal resistance junction-ambient WLCSP104 - 0.400 mm pitch 46 °C/W |