전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFP-9331 데이터시트(PDF) 2 Page - Level One

부품명 SFP-9331
상세설명  L2 Managed Switch - 10 GE with 2 Combo SFP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo LVL1 - Level One

SFP-9331 데이터시트(HTML) 2 Page - Level One

  SFP-9331 Datasheet HTML 1Page - Level One SFP-9331 Datasheet HTML 2Page - Level One SFP-9331 Datasheet HTML 3Page - Level One SFP-9331 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
L2 Managed GE
www.level1.com
I one world_one brand_one level_
Standard Compliance
IEEE 802.3 10-BASE-T (Ethernet)
IEEE 802.3u 100-BASE-TX (Fast Ethernet)
IEEE 802.3ab 1000BASE-T (Gigabit Ethernet)
IEEE 802.1D MAC Bridges
IEEE802.1p priority tags
IEEE802.1Q VLAN
IEEE802.3ac VLAN tagging
IEEE802.3ad Link aggregation control protocol
IEEE802.1w Fast Spanning Tree
IEEE802.1X authentication
IEEE802.3az: Energy Efficient Ethernet
Performance
Switching Capacity:
20 Gbps switching fabric with up to 14.88 Mpps forwarding rates
8K MAC addresses entries with auto-learning function
Supports Jumbo frame, up to 9K
Broadcast/Multicast/unicast Storm Suppression
Port Mirroring
Network Interface
8 x RJ-45 10/100/1000BASE-T ports
2 x Gigabit RJ-45/SFP (Mini-GBIC) shared slots
Software
Layer 2 feature
Spanning Tree Protocol:
- IEEE 802.1D Spanning Tree Protocol (STP)
- IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
- IEEE 802.1s Multiple Spanning Tree Protocol (MSTP)
Trunking:
- IEEE 802.3ad Link Aggregation Control Protocol (LACP)
- Trunk groups: 5 groups, up to 10 ports per group
VLAN:
- Support up to 4K VLANS simultaneously (1~4094 VLAN IDs)
- Port-base VLAN
- IEEE 802.1q tag-base VLAN
- protocol-based VLAN
- MAC-based VLAN
- Management VLAN
- Private VLAN Edge (PVE)
- Voice VLAN supported
- GVRP Supported
DHCP Relay (Layer 2):
- Relay of DHCP traffic to DHCP server in different VLAN
IGMP Snooping:
- IGMP v1/v2/v3 snooping
- IGMP Queried
- IGMP Proxy
- MLD v1/v2 snooping
Security
SSH v1/v2 supported
HTTPS/SSL
IEEE 802.1X
Dynamic VLAN assignment
PVE: L2 isolation between clients in the same VLAN
Port based/MAC based/ IP address based security
Radius/Tacacs+ authentication supports
Storm control: Broadcast, multicast, unicast
ACLs: Support for up to 256 entries
QoS
Priority Queues: 8 hardware queues per port
Scheduling:
- Strict priority and Weighted Round-Robin (WRR)
- Queue assignment based on DSCP and class of service
(802.1p/ CoS)
Technical Specification
Traffic classification based on Port based; 802.1p VLAN priority
based; IPv4/IPv6 precedence/ type of service (ToS) / DSCP
based; Differentiated Services (DiffServ); classification and re-
marking ACLs, trusted QoS
Rate Limiting: Ingress policer; egress shaping and rate control
IPv6 applications: Web/ SSL, Telnet/ SSH, ping, Simple Network
Time Protocol (SNTP), Trivial File Transfer Protocol (TFTP),
SNMP, Syslog, IPv6 host mode, IPv6 stateless address auto-
configuration.
Duplicate address detection (DAD), ICMP version6, IPv6 QoS
Prioritize IPv6 packets in hardware, IPv6 ACL Drop or rate limit
IPv6 packets in hardware
Management
Switch Management:
Firmware upgrade via web browser (HTTP/HTTPS) and TFTP
server, or console port.
CLI via console port or Telnet (SSH secure support)
SNMP v1, v2c, v3 User-based Security Model (USM)
Firmware & Configuration:
Dual firmware images
RMON (groups 1, 2, 3 and 9)
Firmware upgrade via web browser (HTTP/HTTPS) and TFTP, or
console port
Easy Configuration Port (ECP) can configure client’s QoS and
security capabilities.
Single IP management (SIP):
Single IP management for a virtual stack function of up to 32
switches of GTL-2880/GTL-5280/GTP-2880/GTL-1072
UPnP
s-Flow
Event / Error Log / Syslog
LLDP
IPv6 feature:
- IPv6 host mode
- IPv6 stateless address auto-configuration
- Duplicate address detection (DAD)
- ICMP version6
- IPv6 QoS Prioritize IPv6 packets in hardware
Green Ethernet
IEEE 802.3az Energy Efficient function:
Automatically turns off Ethernet port when detecting link
down or Idle of client.
Cable length detection:
- Adjusts the signal strength based on the cable length
- Reduces the power consumption for cables shorter
Hardware
LED Indication
Power LED, Gigabit Port activity LED and SFP Module LED
Dimention
280mm (W) x 166mm (D) x 44mm (H)
Weight
1.382Kg
Power Supply
100-240 VAC 50~60 Hz, internal , universal
Temperature
Operating: 0°C ~ 40°C
Storage: -20°C ~ 70°C
Humidity
Operating: 10% ~ 90% (Non-condensing)
Certifications
CE, FCC


유사한 부품 번호 - SFP-9331

제조업체부품명데이터시트상세설명
logo
Level One
SFP-9331 LVL1-SFP-9331 Datasheet
327Kb / 4P
1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
SFP-9331 LVL1-SFP-9331 Datasheet
313Kb / 3P
4 GE plus 1 GE SFP Switch
SFP-9331 LVL1-SFP-9331 Datasheet
1Mb / 4P
20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

유사한 설명 - SFP-9331

제조업체부품명데이터시트상세설명
logo
Level One
GEL-1061 LVL1-GEL-1061 Datasheet
173Kb / 4P
10-Port L2 Managed Gigabit Switch, 2 x SFP
GEL-2460 LVL1-GEL-2460 Datasheet
191Kb / 4P
24-Port L2 Managed Gigabit Switch, 2 x SFP/RJ45 Combo
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
GEP-1061 LVL1-GEP-1061 Datasheet
152Kb / 4P
10-Port L2 Managed Gigabit PoE Switch, 2 x SFP, 802.3at PoEplus, 125W
GEP-1070 LVL1-GEP-1070 Datasheet
135Kb / 4P
10-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 2 x SFP, 120W
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
GTP-2880 LVL1-GTP-2880 Datasheet
1Mb / 4P
20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
logo
Advantech Co., Ltd.
EKI-7428G-4X ADVANTECH-EKI-7428G-4X Datasheet
516Kb / 2P
24GE4 10G SFP L2 Managed Switch
22-Jun-2021
EKI-7454G-6X ADVANTECH-EKI-7454G-6X Datasheet
319Kb / 2P
48GE6 10G SFP L2 Managed Switch
22-Jun-2021
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com