전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFP-9331 데이터시트(PDF) 4 Page - Level One

부품명 SFP-9331
상세설명  L2 Managed Switch - 10 GE with 2 Combo SFP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo LVL1 - Level One

SFP-9331 데이터시트(HTML) 4 Page - Level One

  SFP-9331 Datasheet HTML 1Page - Level One SFP-9331 Datasheet HTML 2Page - Level One SFP-9331 Datasheet HTML 3Page - Level One SFP-9331 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
L2 Managed GE
www.level1.com
I one world_one brand_one level_
Order Information
GEL-1072: L2 Managed Switch - 10 GE with 2 Combo SFP
Package Contents
GEL-1072
Power Cord
Mounting Kit
DB-9 RS-232 to RJ-45 Console Cable
CD Manual
QIG (Quick Install Guide)
Optional Accessories
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
V1.0
GVT-0300
1.25Gbps SFP Transceiver,
Duplex LC connector (550m)
GVT-0301
1.25Gbps SFP Transceiver,
Duplex LC connector (10km)
GVT-0302
1.25Gbps SFP Transceiver,
Duplex LC connector (80km)
SFP-3001
1.25Gbps SFP Transceiver,
Duplex LC connector (550m)
SFP-3211
1.25Gbps SFP Transceiver,
Duplex LC connector (10km)
SFP-3611
1.25Gbps SFP Transceiver,
Duplex LC connector (80km)
SFP-3111
1.25Gbps SFP Transceiver,
Duplex LC connector, MLX
(2km)
SFP-3411
1.25Gbps SFP Transceiver, SM,
EZX, Duplex LC connector
(120km)
SFP-3711
1.25Gbps SFP Transceiver, SM,
EZX, Duplex LC connector
(120km)
SFP-9221
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (10km)
SFP-9231
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (10km)
SFP-9321
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (20km)
SFP-9331
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (20km)
SFP-9421
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (40km)
SFP-9431
1.25Gbps Bi-Di SFP
Transceiver, SM, Simplex LC
connector (40km)


유사한 부품 번호 - SFP-9331

제조업체부품명데이터시트상세설명
logo
Level One
SFP-9331 LVL1-SFP-9331 Datasheet
327Kb / 4P
1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
SFP-9331 LVL1-SFP-9331 Datasheet
313Kb / 3P
4 GE plus 1 GE SFP Switch
SFP-9331 LVL1-SFP-9331 Datasheet
1Mb / 4P
20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

유사한 설명 - SFP-9331

제조업체부품명데이터시트상세설명
logo
Level One
GEL-1061 LVL1-GEL-1061 Datasheet
173Kb / 4P
10-Port L2 Managed Gigabit Switch, 2 x SFP
GEL-2460 LVL1-GEL-2460 Datasheet
191Kb / 4P
24-Port L2 Managed Gigabit Switch, 2 x SFP/RJ45 Combo
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
GEP-1061 LVL1-GEP-1061 Datasheet
152Kb / 4P
10-Port L2 Managed Gigabit PoE Switch, 2 x SFP, 802.3at PoEplus, 125W
GEP-1070 LVL1-GEP-1070 Datasheet
135Kb / 4P
10-Port L2 Managed Gigabit PoE Switch, 802.3at PoEplus, 2 x SFP, 120W
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
GTP-2880 LVL1-GTP-2880 Datasheet
1Mb / 4P
20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
logo
Advantech Co., Ltd.
EKI-7428G-4X ADVANTECH-EKI-7428G-4X Datasheet
516Kb / 2P
24GE4 10G SFP L2 Managed Switch
22-Jun-2021
EKI-7454G-6X ADVANTECH-EKI-7454G-6X Datasheet
319Kb / 2P
48GE6 10G SFP L2 Managed Switch
22-Jun-2021
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com