전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NP5032SA 데이터시트(PDF) 1 Page - NIHON DEMPA KOGYO

부품명 NP5032SA
상세설명  Simple Packaged Crystal Oscillator (SPXO)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NDK [NIHON DEMPA KOGYO]
홈페이지  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP5032SA 데이터시트(HTML) 1 Page - NIHON DEMPA KOGYO

  NP5032SA Datasheet HTML 1Page - NIHON DEMPA KOGYO NP5032SA Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Oscillator
Item
Model
NP5032SA
Output type
LVPECL
Nominal frequency range (MHz)
100 to 161
Overall frequency tolerance
Max. ±25 ×10-6
Max. ±50 ×10-6
Max. ±100 ×10-6
Operating temperature range (°C)
0 to +70
0 to +85
0 to +85
Storage Temperature Range (°C)
–55 to +125
Supply voltage [VCC] (V)
+2.5 ± 5 %, +3.3 ± 10 %
Current
consumption
Enable (mA)
Max. 60 (Typ. 36) (STAND-BY=VCC or OPEN, RL=50Ω)
Stand-by (μA)
Max. 30 (STAND-BY=GND)
Output voltage (V)
VOL : VCC –1.81 to VCC –1.62 (DC characteristics)
VOH : VCC –1.025 to VCC –0.88 (DC characteristics)
Rise time / Fall time (ns)
Max. 1 (20 to 80% Waveform)
Symmetry (%)
45 to 55 (at 50% Waveform)
Output load (Ω)
50 (Terminated to VCC–2.0V)
Phase jitter
Max. 1 (Offset frequency : 12kHz to 20MHz)
*1 : The frequency stability includes initial frequency tolerance, temperature variation, and supply variation.
Specifications
C_1406_NP5032SA_e
Simple Packaged Crystal Oscillator (SPXO)
Model Name NP5032SA / NP5032SB
For SONET-, SDH-, and GbEthernet-related equipment
Main Application
● Ultra-compact with dimensions of 5.0 × 3.2 × 1.2 mm.
● Supply voltage: +2.5V or +3.3V
● LVPECL output level (Model : NP5032SA)
● LVDS output level (Model : NP5032SB)
● Low current consumption(36mA Typ.)
● Excellent low phase jitter.(0.15ps Typ. @156.25MHz)
Features
Item
Model
NP5032SB
Output type
LVDS
Nominal frequency range (MHz)
100 to 161
Overall frequency tolerance
Max. ±25 ×10-6
Max. ±50 ×10-6
Max. ±100 ×10-6
Operating temperature range (°C)
0 to +70
0 to +85
0 to +85
Storage Temperature Range (°C)
–55 to +125
Supply voltage [VCC] (V)
+2.5 ± 5 %, +3.3 ± 10 %
Current
consumption
Enable (mA)
Max. 40 (Typ. 10) (STAND-BY=VCC or OPEN, RL=100 Ω)
Stand-by (μA)
Max. 30 (STAND-BY=GND)
Output voltage
VOD1, VOD2 : 0.247 to 0.454V (Diffencial output voltage)
∆VOD : Max. 50mV (Output change)
VOS1, VOS2 : 1.125 to 1.375V (Offset voltage, DC characteristics)
∆VOS : Max. 50mV (Offset voltage, DC characteristics)
Rise time / Fall time (ns)
Max. 1 (20 to 80% Waveform)
Symmetry (%)
45 to 55 (at 50% Waveform)
Output load (Ω)
100 (Connected between out and complementary out)
Phase jitter (ps)
Max. 1 (Typ. 0.15) (Offset frequency : 12kHz to 20MHz)
*1 : The frequency stability includes initial frequency tolerance, temperature variation, and supply variation.
Model : NP5032SA
Model : NP5032SB


유사한 부품 번호 - NP5032SA

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NP5032SA NDK-NP5032SA Datasheet
601Kb / 1P
   Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA_18 Datasheet
601Kb / 1P
   Simple Packaged Crystal Oscillator
More results

유사한 설명 - NP5032SA

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
7311S-GG NDK-7311S-GG Datasheet
87Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO)
7311S-GF NDK-7311S-GF Datasheet
88Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO)
7311S-DG NDK-7311S-DG Datasheet
87Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO)
NP5032SB NDK-NP5032SB Datasheet
635Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO)
7311S-DF-505X NDK-7311S-DF-505X Datasheet
375Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-104X NDK-7311S-DF-104X Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-DF-505P NDK-7311S-DF-505P Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-505X NDK-7311S-GF-505X_15 Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GG-104P NDK-7311S-GG-104P Datasheet
375Kb / 1P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
7311S-GF-104X NDK-7311S-GF-104X Datasheet
469Kb / 2P
   Simple Packaged Crystal Oscillator (SPXO) 7300 Series
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com