전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NX3225SC 데이터시트(PDF) 1 Page - NIHON DEMPA KOGYO

부품명 NX3225SC
상세설명  For Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NDK [NIHON DEMPA KOGYO]
홈페이지  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NX3225SC 데이터시트(HTML) 1 Page - NIHON DEMPA KOGYO

  NX3225SC_15 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
- 14 -
13A_0612_NX3225SC_e
NX3225SC
For Automotive
A small surface-mount type crystal unit, ideal for the special requirements of
automotive, such as TPMS (Tire Pressure Monitoring System). The crystal unit is
ideally suited for the clock signal generating source of the transmission unit in a tire
wheel that is subject to strong centrifugal force.
●Compact and thin. (3.2 x 2.5 x 0.6 mm typ.)
●Stable frequency characteristics even with a powerful centrifugal force of 2,000 G,
as found in the transmission side of TPMS applications.
●High resistance to solder cracking.
●Excellent environmental characteristics, including heat, vibration and shock resistance.
●Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
●Conforms to AEC-Q200.
Features
Item
Model
NX3225SC
Nominal Frequency
9.8433 to 50 MHz
Overtone Order
Fundamental
Frequency Tolerance (25 ±3 °C)
±15 × 10−6
Frequency versus Temperature Characteristics (with reference to +25 °C)
±50 × 10−6
Operating Temperature Range
−40 to +125 °C
Storage Temperature Range
−40 to +125 °C
Equivalent Series Resistance
Refer to *1
Level of Drive
10 μW (Max. 200 μW)
Load Capacitance
8 pF
The above specifications are standard for this NDK product.
Specifications
When ordering our products, specify them with an “Ordering Code” that consists of the following :
Model name - Frequency (Max : 9 digits) M - Number for specifying an order
Example NX3225SC-9.8433M-STD-CRS-1
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage
(http://www.ndk.com/).
How to Specify an Order
mm
Land pattern (Typical)
*#2 and #4 are connected with a cover.
(Please connect with a GND.)
2.2
1.4
3.2±0.1
#1
#2
#4
#3
C0.30
1.0
1.2 1.0
#4
#1
#3
#2
Terminal land connections
(TOP VIEW)
Dimensions
*1 Equivalent Series Resistance
Nominal frequency
(MHz)
Equivalent Series
Resistance max. [Ω]
9.8433 to 12
300
12 to 20
120
20 to 50
100


유사한 부품 번호 - NX3225SC_15

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NX3225SC NDK-NX3225SC_16 Datasheet
688Kb / 1P
For Automotive
More results

유사한 설명 - NX3225SC_15

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NX3225GB NDK-NX3225GB Datasheet
301Kb / 1P
For Automotive
NX5032SD NDK-NX5032SD_15 Datasheet
293Kb / 1P
For Automotive
NX3225SC NDK-NX3225SC_16 Datasheet
688Kb / 1P
For Automotive
NX3225SA NDK-NX3225SA_16 Datasheet
718Kb / 1P
For Automotive
NX3225GA_16 NDK-NX3225GA_16_11 Datasheet
719Kb / 1P
For Automotive
NX2016SA NDK-NX2016SA_18 Datasheet
713Kb / 1P
For Automotive
NX1612SA NDK-NX1612SA_18 Datasheet
697Kb / 1P
For Automotive
NX5032SD NDK-NX5032SD_16 Datasheet
696Kb / 1P
For Automotive
NX8045GB NDK-NX8045GB_16 Datasheet
695Kb / 1P
For Automotive
WFC75C1472CE NDK-WFC75C1472CE Datasheet
843Kb / 1P
For Automotive
WFC68K0433CJ NDK-WFC68K0433CJ_18 Datasheet
987Kb / 2P
For Automotive
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com