전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M37736EHBXXXGP 데이터시트(PDF) 9 Page - Mitsubishi Electric Semiconductor

부품명 M37736EHBXXXGP
상세설명  PROM VERSION OF M37736EHBXXXGP
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736EHBXXXGP 데이터시트(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37736EHBXXXGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37736EHBXXXGP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
PROM VERSION OF M37736MHBXXXGP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37736EHBXXXGP
M37736EHBGS
SAFETY INSTRUCTIONS
(1) Sunlight and fluorescent lamp contain light that can erase written
information. When using in read mode, be sure to cover the
transparent glass portion with a seal or other materials (ceramic
package product).
(2) Mitsubishi Electric corp. provides the seal for covering the
transparent glass. Take care that the seal does not touch the read
pins (ceramic package product).
(3) Clean the transparent glass before erasing. Fingers’ fat and paste
disturb the passage of ultraviolet rays and may affect badly the
erasure capability (ceramic package product).
(4) A high voltage is used for programming. Take care that over-
voltage is not applied. Take care especially at power on.
(5) The programmable M37736EHBGP that is shipped in blank is
also provided. For the M37736EHBGP, Mitsubishi Electric corp.
does not perform PROM programming test and screening following
the assembly processes. To improve reliability after programming,
performing programming and test according to the flow below
before use is recommended.
ADDRESSING MODES
The M37736EHBXXXGP has 28 powerful addressing modes. Refer
to the “7700 Family Software Manual” for the details.
MACHINE INSTRUCTION LIST
The M37736EHBXXXGP has 103 machine instructions. Refer to the
“7700 Family Software Manual” for the details.
DATA REQUIRED FOR PROM ORDERING
Please send the following data for writing to PROM.
(1) M37736EHBXXXGP writing to PROM order confirmation form
(2) 100P6S mark specification form
(3) ROM data (EPROM 3 sets)
Programming with PROM programmer
Function check in target device
Verify test with PROM programmer
Caution : Never expose to 150 °C exceeding 100 hours.
Screening
(Leave at 150 °C for 40 hours)
(Caution)


유사한 부품 번호 - M37736EHBXXXGP

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37736EHBXXXGP RENESAS-M37736EHBXXXGP Datasheet
562Kb / 34P
PROM VERSION OF M37736MHBXXXGP
More results

유사한 설명 - M37736EHBXXXGP

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M37735EHB MITSUBISHI-M37735EHB Datasheet
591Kb / 34P
PROM VERSION OF M37735EHBXXXFP
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
PROM VERSION OF M37735MHLXXXHP
M37735EHLXXXHP MITSUBISHI-M37735EHLXXXHP Datasheet
422Kb / 34P
PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
PROM VERSION OF M37733MHBXXXFP
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
PROM VERSION OF M37733MHLXXXHP
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
PROM VERSION OF M37735MHBXXXFP
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
PROM VERSION OF M37735MHLXXXHP
M37736EHBXXXGP RENESAS-M37736EHBXXXGP Datasheet
562Kb / 34P
PROM VERSION OF M37736MHBXXXGP
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
PROM VERSION OF M37736MHLXXXHP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com