전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M37736EHL 데이터시트(PDF) 3 Page - Mitsubishi Electric Semiconductor

부품명 M37736EHL
상세설명  PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736EHL 데이터시트(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37736EHL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736EHL Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
MITSUBISHI MICROCOMPUTERS
M37736EHLXXXHP
PROM VERSION OF M37736MHLXXXHP
3
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Parameter
Functions
Number of basic instructions
103
Instruction execution time
333 ns (the fastest instruction at external clock 12 MHz frequency)
PROM
124 Kbytes
RAM
3968 bytes
P0 – P2, P4 – P8, P10
8-bit ! 9
P3
4-bit ! 1
Output port
P9
8-bit ! 1
TA0, TA1, TA2, TA3, TA4
16-bit ! 5
TB0, TB1, TB2
16-bit ! 3
Serial I/O
(UART or clock synchronous serial I/O) ! 3
A-D converter
10-bit ! 1 (8 channels)
Watchdog timer
12-bit ! 1
3 external types, 16 internal types
Each interrupt can be set to the priority level (0 – 7.)
2 circuits built-in (externally connected to a ceramic resonator or a
quartz-crystal oscillator)
Supply voltage
2.7 – 5.5 V
9 mW (at 3 V supply voltage, external clock 12 MHz frequency)
22.5 mW (at 5 V supply voltage, external clock 12 MHz frequency)
Input/Output voltage
5 V
Output current
5 mA
External bus mode A; maximum 16 Mbytes,
External bus mode B; maximum 1 Mbytes
Operating temperature range
–40 to 85 °C
Device structure
CMOS high-performance silicon gate process
Package
100-pin plastic molded fine-pitch QFP (100P6Q-A;0.5 mm lead pitch)
FUNCTIONS OF M37736EHLXXXHP
Memory size
Input/Output ports
Multi-function timers
Interrupts
Clock generating circuit
Power dissipation
Input/Output characteristic
Memory expansion


유사한 부품 번호 - M37736EHL

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
PROM VERSION OF M37736MHLXXXHP
More results

유사한 설명 - M37736EHL

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M37733EHB MITSUBISHI-M37733EHB Datasheet
600Kb / 34P
PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733EHBXXXFP MITSUBISHI-M37733EHBXXXFP Datasheet
409Kb / 34P
PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733EHL MITSUBISHI-M37733EHL Datasheet
726Kb / 35P
PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
PROM VERSION OF M37735MHLXXXHP
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
PROM VERSION OF M37733MHBXXXFP
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
PROM VERSION OF M37735MHBXXXFP
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
PROM VERSION OF M37736MHLXXXHP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com