전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBSV8-LED5 데이터시트(PDF) 122 Page - Lumberg

부품명 ASBSV8-LED5
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 데이터시트(HTML) 122 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 118Page - Lumberg ASBSV8-LED5 Datasheet HTML 119Page - Lumberg ASBSV8-LED5 Datasheet HTML 120Page - Lumberg ASBSV8-LED5 Datasheet HTML 121Page - Lumberg ASBSV8-LED5 Datasheet HTML 122Page - Lumberg ASBSV8-LED5 Datasheet HTML 123Page - Lumberg ASBSV8-LED5 Datasheet HTML 124Page - Lumberg ASBSV8-LED5 Datasheet HTML 125Page - Lumberg ASBSV8-LED5 Datasheet HTML 126Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
122
Profibus
Profibus-DP-Devices, 8 IN/4 OUT | 8 IN/8 OUT, Addressing Tools
FWD 5
FWD 5
FWD 5
FWD 5
FWD 5
0970 PSL 123
0970 PSL 214
0903 UTL 101
0973 PTL 201
0973 PTL 202
Part No.
0970 PSL 123
Part No.
0970 PSL 214
Part No.
0903 UTL 101
Part No.
0973 PTL 201
Part No.
0973 PTL 202
8 IN/8 OUT
Profibus-DP-Device with 8 Digital Inputs to
Connect Standard Sensors and 8 Digital Outputs
(0.5 A) to Connect Standard Actuators, M12 Sockets,
Rotary Switches for Addressing, M12-Bus Connection
and M23-Systems-/Actuator Supply.
8 IN/8 OUT
Profibus-DP-Device with 8 Digital Inputs to
Connect Standard Sensors and 8 Digital Outputs
(0.5 A) to Connect Standard Actuators, M12 Sockets,
Rotary Switches for Addressing, M23-Bus Connection
and M23-Actuator Supply.
Handheld Addressing Device for Bus Users of the
Profibus Standard Series, Addressing via M12-I/O
Connection (channel 8) of the Modules.
Addressing Tool for Bus Users of the Lumberg
Automation Standard Series, Addressing via M23-Bus
Connection of the Modules.
Addressing Tool for Bus Users of the Lumberg
Automation Standard Series, Addressing via M23-Bus
Connection of the Modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More