전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBSV8-LED5 데이터시트(PDF) 136 Page - Lumberg

부품명 ASBSV8-LED5
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 데이터시트(HTML) 136 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 132Page - Lumberg ASBSV8-LED5 Datasheet HTML 133Page - Lumberg ASBSV8-LED5 Datasheet HTML 134Page - Lumberg ASBSV8-LED5 Datasheet HTML 135Page - Lumberg ASBSV8-LED5 Datasheet HTML 136Page - Lumberg ASBSV8-LED5 Datasheet HTML 137Page - Lumberg ASBSV8-LED5 Datasheet HTML 138Page - Lumberg ASBSV8-LED5 Datasheet HTML 139Page - Lumberg ASBSV8-LED5 Datasheet HTML 140Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
136
Industrial Ethernet
Ethernet-Switches and Adapters
FWD 5
FWD 5
FWD 5
FWD 5
FWD 5
0982 EEC 100
0982 EEC 101
0981 ENC 100
0981 ENC 102
Part No.
0982 EEC 100
Part No.
0982 EEC 101
Part No.
0981 ENC 100
Part No.
0981 ENC 102
Part No.
0985 342 100/1 M
0985 342 100/2 M
0985 342 100/3 M
0985 342 100/5 M
Ethernet-Switch, IP 67, 5-Port Unmannaged Switch
for 10/100 Mbaud Transmission Rates, M12-Sockets,
4-Poles, D-Coding, M12 Power Supply, 5-Poles
Standard Coding.
– suitable for Ethernet/IP or ProfiNet applications –
Ethernet-Switch, IP 67, 5-Port Unmannaged Switch
for 10/100 Mbaud Transmission Rates, M12-Sockets,
8-Poles, M12 Power Supply, 5-Poles Standard
Coding.
– suitable for Modbus/TCP applications –
Ethernet-Panel-Mount-Adapter, M12-Female,
D-Coding Connector, Chasis Side Thread PG 9,
RJ45-Female Connctor 90
˚.
– suitable for Ethernet/IP or ProfiNet applications –
Ethernet-Panel-Mount-Adapter, M12-Female, 8-Pole
Connector, Chasis Side Thread PG 9, RJ45-Female
Connctor 90
˚.
– suitable for Modbus/TCP applications –
Industrial Ethernet Double-Ended Data Cable (molded
on both sides) According to PROFInet Type C with
M12-Male Connectors, D-Coding.
0985 342 100/...M: 4-Pin, M12 Straight Male to M12
Straight Male, IP 65/ IP 67 Rated.
– suitable for PROFInet applications –
0985 342 100/...M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More