전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBL4208-100-04-025 데이터시트(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 QBL4208-100-04-025
상세설명  BLDC motor modules.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL4208-100-04-025 데이터시트(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QBL4208-100-04-025 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
QBL4208 Manual (V1.03 / 2010-NOV-03)
7
Copyright © 2010, TRINAMIC Motion Control GmbH & Co. KG
5 Torque figures
The torque figures detail motor torque characteristics measured in block commutation. Please be
careful not to operate the motors outside the blue field. This is possible for short times only because
of a resulting high coil temperature. The motors have insulation class B.
The blue field is described by rated speed and rated torque.
5.1 Motor QBL4208-41-04-006
Velocity vs. torque measured with 24V supply voltage
7000
6000
5000
4000
3000
2000
1000
0
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
N.m
Figure 5.1: QBL4208-41-04-006 velocity vs. torque characteristics


유사한 부품 번호 - QBL4208-100-04-025

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
QBL4208-100-04-025 TRINAMIC-QBL4208-100-04-025 Datasheet
195Kb / 1P
42mm 8pole BLDC motor
More results

유사한 설명 - QBL4208-100-04-025

제조업체부품명데이터시트상세설명
logo
Lin Eng. Inc.
BL17E19-01 LINENGINEERING-BL17E19-01 Datasheet
328Kb / 3P
BLDC MOTOR
BL17E19-02 LINENGINEERING-BL17E19-02 Datasheet
328Kb / 3P
BLDC MOTOR
BL17E40-01 LINENGINEERING-BL17E40-01 Datasheet
337Kb / 3P
BLDC MOTOR
BL23E22-01 LINENGINEERING-BL23E22-01 Datasheet
335Kb / 3P
BLDC MOTOR
BL23E22-02 LINENGINEERING-BL23E22-02 Datasheet
335Kb / 3P
BLDC MOTOR
BL23E33-01 LINENGINEERING-BL23E33-01 Datasheet
334Kb / 3P
BLDC MOTOR
BL34E21-02 LINENGINEERING-BL34E21-02 Datasheet
332Kb / 3P
BLDC MOTOR
BL23E22-02-Y05-A0-B12F LINENGINEERING-BL23E22-02-Y05-A0-B12F Datasheet
343Kb / 4P
BLDC MOTOR
BL23E33-02-Y05-A0-B12F LINENGINEERING-BL23E33-02-Y05-A0-B12F Datasheet
339Kb / 4P
BLDC MOTOR
BL23E48-02-Y05-A0-B12F LINENGINEERING-BL23E48-02-Y05-A0-B12F Datasheet
337Kb / 4P
BLDC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com