전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBL4208-100-04-025 데이터시트(PDF) 12 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 QBL4208-100-04-025
상세설명  BLDC motor modules.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL4208-100-04-025 데이터시트(HTML) 12 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button QBL4208-100-04-025 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. QBL4208-100-04-025 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
QBL4208 Manual (V1.03 / 2010-NOV-03)
12
Copyright © 2010, TRINAMIC Motion Control GmbH & Co. KG
6 Motor sizing
For the optimum solution it is important to fit the motor to the application. The three key parameters
are peak torque requirement, RMS torque requirement and motor velocity.
6.1 Peak torque requirement
Peak torque T
P is the sum of the torque due to acceleration of inertia (TI), load (TL) and friction (TF):
F
L
J
P
T
T
T
T
The torque due to inertia is the product of the load (including motor rotor) inertia and the load
acceleration:
a
J
T
J
The torque due to the load is defined by the configuration of the mechanical system coupled to the
motor. The system also determines the amount of torque required to overcome the friction.
6.2 RMS torque requirement
Root-Mean-Square or RMS torque is a value used to approximate the average continuous torque
requirement. Its statistical approximation is with
t1: acceleration time
t2: run time
t3: deceleration time
t4: time in a move
4
3
2
1
3
2
F
L
J
2
2
F
L
1
2
P
RMS
t
t
t
t
t
T
T
T
t
T
T
t
T
T


유사한 부품 번호 - QBL4208-100-04-025

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
QBL4208-100-04-025 TRINAMIC-QBL4208-100-04-025 Datasheet
195Kb / 1P
42mm 8pole BLDC motor
More results

유사한 설명 - QBL4208-100-04-025

제조업체부품명데이터시트상세설명
logo
Lin Eng. Inc.
BL17E19-02 LINENGINEERING-BL17E19-02 Datasheet
328Kb / 3P
BLDC MOTOR
BL23E33-02-Y05-A0-B12F LINENGINEERING-BL23E33-02-Y05-A0-B12F Datasheet
339Kb / 4P
BLDC MOTOR
BL23E48-02-Y05-A0-B12F LINENGINEERING-BL23E48-02-Y05-A0-B12F Datasheet
337Kb / 4P
BLDC MOTOR
BL23E22-01 LINENGINEERING-BL23E22-01 Datasheet
335Kb / 3P
BLDC MOTOR
BL23E22-02 LINENGINEERING-BL23E22-02 Datasheet
335Kb / 3P
BLDC MOTOR
BL23E33-01 LINENGINEERING-BL23E33-01 Datasheet
334Kb / 3P
BLDC MOTOR
BL34E21-02 LINENGINEERING-BL34E21-02 Datasheet
332Kb / 3P
BLDC MOTOR
BL17E19-01 LINENGINEERING-BL17E19-01 Datasheet
328Kb / 3P
BLDC MOTOR
BL23E22-02-Y05-A0-B12F LINENGINEERING-BL23E22-02-Y05-A0-B12F Datasheet
343Kb / 4P
BLDC MOTOR
BL17E40-01 LINENGINEERING-BL17E40-01 Datasheet
337Kb / 3P
BLDC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com