전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMCM-343 데이터시트(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 TMCM-343
상세설명  MODULES FOR STEPPER MOTORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-343 데이터시트(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-343_11 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TMCM-343 Hardware Manual (V1.07 / 2011-JUN-08)
6
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
4 Order codes
Order code
Description
Dimensions
TMCM-343 (-option)
3-axis controller/driver module 1.1A, 34V
80 x 55 x 8 mm3
Products related to TMCM-343
BB-303 (-option)
Baseboard for TMCM-343
80 x 50 x 15 mm3
BB-323-03
Baseboard for TMCM-343
96.5 x 79 x 60 mm3
TMCM-323
3-axis encoder
80 x 53 x 8 mm3
TMCM-EVAL
Evaluation baseboard
160 x 100 x 24 mm3
Options for TMCM-343
-H
horizontal pin connector (standard)
-V
vertical pin connector (on request)
Table 4.1: Order codes


유사한 부품 번호 - TMCM-343_11

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343 Datasheet
457Kb / 1P
3-Axis Controller/Driver 1.1A/34V
More results

유사한 설명 - TMCM-343_11

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
Standard Modules for Stepper Motors
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
MODULES FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
MODULE FOR STEPPER MOTORS
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
MODULES FOR STEPPER MOTORS
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
MODULES FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
Module for Stepper Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com