전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMCM-343 데이터시트(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 TMCM-343
상세설명  MODULES FOR STEPPER MOTORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-343 데이터시트(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-343_11 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-343_11 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TMCM-343 Hardware Manual (V1.07 / 2011-JUN-08)
8
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
5.2 Connecting the module
The 68-pin connector provides communication to a host, configuration of the EEPROM and connection
of motors as well as connection of reference switches. Pin 1 of this connector is located in the lower
left corner on the top site, while the connector is pointing towards the user.
Pin
Direction
Description
Pin
Direction
Description
1
In
+5VDC (+/- 5%) I
max=300mA
35
-
Reserved
2
In
GND
36
out
Motor2 A0
3
In
+5VDC (+/- 5%)
37
-
Reserved
4
In
GND
38
out
Motor2 A1
5
In
V_Motor (+7 to 34VDC)
39
-
Reserved
6
In
GND
40
out
Motor2 B0
7
In
V_Motor (+7 to 34VDC)
41
-
Reserved
8
In
GND
42
out
Motor2 B1
9
In
V_Motor (+7 to 34VDC)
43
-
Reserved
10
In
GND
44
in
Shutdown
11
Out
SPI Select 0
45
in
General Purpose input 0
12
Out
SPI Clock
46
out
General Purpose output 0
13
Out
SPI Select 1
47
in
General Purpose input 1
14
In
SPI MISO
48
out
General Purpose output 1
15
Out
SPI Select 2
49
in
General Purpose input 2
16
Out
SPI MOSI
50
out
General Purpose output 2
17
In
Reset, active low
51
in
General Purpose input 3
18
Out
Alarm
52
out
General Purpose output 3
19
In
Reference Switch Motor 0 right
53
in
General Purpose input 4
20
Out
Motor0 A0
54
out
General Purpose output 4
21
In
Reference Switch Motor 0 left
55
in
General Purpose input 5
22
Out
Motor0 A1
56
out
General Purpose output 5
23
In
Reference Switch Motor 1 right
57
in
General Purpose input 6
24
Out
Motor0 B0
58
out
General Purpose output 6
25
In
Reference Switch Motor 1 left
59
in
General Purpose input 7
26
Out
Motor0 B1
60
out
General Purpose output 7
27
In
Reference Switch Motor 2 right
61
in
GND
28
Out
Motor1 A0
62
in
GND
29
In
Reference Switch Motor 2 left
63
-
Reserved
30
Out
Motor1 A1
64
out
RS485 Direction
31
-
Reserved
65
in and out CAN -
32
Out
Motor1 B0
66
in
RS232 RxD
33
-
Reserved
67
in and out CAN +
34
Out
Motor1 B1
68
out
RS232 TxD
Table 5.1: Pinout of the 68-Pin connector
PCB
1
2
68
67
Figure 5.3: Pin order of the connector


유사한 부품 번호 - TMCM-343_11

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343 Datasheet
457Kb / 1P
   3-Axis Controller/Driver 1.1A/34V
More results

유사한 설명 - TMCM-343_11

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com