전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMCM-1161 데이터시트(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 TMCM-1161
상세설명  MODULES FOR STEPPER MOTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1161 데이터시트(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1161 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1161 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TMCM-1161 V1.0 Hardware Manual (Rev. 1.14 / 2013-JUL-23)
8
www.trinamic.com
3.2.1 Interface and Power Supply Connector
Pin
Label
Description
1
GND
Module and signal ground
2
VCC
10… 30V DC power supply / nom. 24V DC
3
RS485A+
RS485 non-inverted bus signal
4
RS485B-
RS485 inverted bus signal
5
RS232_TxD
RS232 transmit data from module
6
RS232_RxD
RS232 receive data to module
Table 3.1 Connector for power supply and interfaces
3.2.1.1 Power Supply
When using supply voltages near the upper limit, a regulated power supply is mandatory. The power
supply should be designed in a way, that it supplies the nominal motor voltage at the desired maximum
motor power.
To ensure reliable operation of the unit, the power supply has to have a sufficient output capacitor and
the supply cables should have a low resistance, so that the chopper operation does not lead to an
increased power supply ripple directly at the unit. Power supply ripple due to the chopper operation
should be kept at a maximum of a few 100mV.
HINTS FOR POWER SUPPLY CABLES
-
Keep power supply cables as short as possible.
-
Use large diameters for power supply cables.
CAUTION!
Add external power supply capacitors!
It is recommended to connect an electrolytic capacitor of significant size (2200µF or larger
recommended) to the power supply lines next to the TMCM-1161 especially if the distance
to the power supply is large (i.e. more than 2-3m)!
Rule of thumb for size of electrolytic capacitor:
In addition to power stabilization (buffer) and filtering this added capacitor will also
reduce any voltage spikes which might otherwise occur from a combination of high
inductance power supply wires and the ceramic capacitors. In addition it will limit slew-
rate of power supply voltage at the module. The low ESR of ceramic-only filter capacitors
may cause stability problems with some switching power supplies.
Do not connect or disconnect motor during operation!
Motor cable and motor inductivity might lead to voltage spikes when the motor is
disconnected / connected while energized. These voltage spikes might exceed voltage
limits of the driver MOSFETs and might permanently damage them. Therefore, always
disconnect power supply before connecting / disconnecting the motor.
Keep the power supply voltage below the upper limit of 30V!
Otherwise the driver electronics will seriously be damaged! Especially, when the selected
operating voltage is near the upper limit a regulated power supply is highly
recommended. Please see chapter 6 also (operating values).
There is no reverse polarity protection!
The module will short any reversed supply voltage due to internal diodes of the driver
transistors.


유사한 부품 번호 - TMCM-1161

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-1160-TMCL TRINAMIC-TMCM-1160-TMCL Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
More results

유사한 설명 - TMCM-1161

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com