전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LS04N3 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74LS04N3
상세설명  HEX INVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS04N3 데이터시트(HTML) 2 Page - Texas Instruments

  SN74LS04N3 Datasheet HTML 1Page - Texas Instruments SN74LS04N3 Datasheet HTML 2Page - Texas Instruments SN74LS04N3 Datasheet HTML 3Page - Texas Instruments SN74LS04N3 Datasheet HTML 4Page - Texas Instruments SN74LS04N3 Datasheet HTML 5Page - Texas Instruments SN74LS04N3 Datasheet HTML 6Page - Texas Instruments SN74LS04N3 Datasheet HTML 7Page - Texas Instruments SN74LS04N3 Datasheet HTML 8Page - Texas Instruments SN74LS04N3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SN5404, SN54LS04, SN54S04,
SN7404, SN74LS04, SN74S04
HEX INVERTERS
SDLS029C − DECEMBER 1983 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7404N
SN7404N
PDIP − N
Tube
SN74LS04N
SN74LS04N
PDIP − N
Tube
SN74S04N
SN74S04N
Tube
SN7404D
7404
Tape and reel
SN7404DR
7404
SOIC − D
Tube
SN74LS04D
LS04
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS04DR
LS04
0 C to 70 C
Tube
SN74S04D
S04
Tape and reel
SN74S04DR
S04
Tape and reel
SN7404NSR
SN7404
SOP − NS
Tape and reel
SN74LS04NSR
74LS04
SOP − NS
Tape and reel
SN74S04NSR
74S04
SSOP − DB
Tape and reel
SN74LS04DBR
LS04
Tube
SN5404J
SN5404J
Tube
SNJ5404J
SNJ5404J
CDIP − J
Tube
SN54LS04J
SN54LS04J
CDIP − J
Tube
SN54S04J
SN54S04J
Tube
SNJ54LS04J
SNJ54LS04J
−55
°C to 125°C
Tube
SNJ54S04J
SNJ54S04J
−55 C to 125 C
Tube
SNJ5404W
SNJ5404W
CFP − W
Tube
SNJ54LS04W
SNJ54LS04W
CFP − W
Tube
SNJ54S04W
SNJ54S04W
LCCC − FK
Tube
SNJ54LS04FK
SNJ54LS04FK
LCCC − FK
Tube
SNJ54S04FK
SNJ54S04FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H


유사한 부품 번호 - SN74LS04N3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LS04N3 TI-SN74LS04N3 Datasheet
626Kb / 23P
HEX INVERTERS
More results

유사한 설명 - SN74LS04N3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
HEX INVERTERS
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com