전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLIZ44N 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLIZ44N
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLIZ44N 데이터시트(HTML) 1 Page - International Rectifier

  IRLIZ44N Datasheet HTML 1Page - International Rectifier IRLIZ44N Datasheet HTML 2Page - International Rectifier IRLIZ44N Datasheet HTML 3Page - International Rectifier IRLIZ44N Datasheet HTML 4Page - International Rectifier IRLIZ44N Datasheet HTML 5Page - International Rectifier IRLIZ44N Datasheet HTML 6Page - International Rectifier IRLIZ44N Datasheet HTML 7Page - International Rectifier IRLIZ44N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLIZ44N
HEXFET® Power MOSFET
PD - 9.1498A
S
D
G
VDSS = 55V
RDS(on) = 0.022Ω
ID = 30A
l Logic-Level Gate Drive
l Advanced Process Technology
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
…
l Sink to Lead Creepage Dist. = 4.8mm
l Fully Avalanche Rated
TO-220 FULLPAK
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.
8/25/97
Description
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Junction-to-Ambient
–––
65
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
30
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
22
A
IDM
Pulsed Drain Current
†
160
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.3
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚†
210
mJ
IAR
Avalanche Current
†
25
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
°C/W


유사한 부품 번호 - IRLIZ44N

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRLIZ44N ISC-IRLIZ44N Datasheet
260Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLIZ44NPBF IRF-IRLIZ44NPBF Datasheet
253Kb / 8P
HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
IRLIZ44NPBF INFINEON-IRLIZ44NPBF Datasheet
505Kb / 9P
Logic ?밚evel Gate Drive
2017-04-27
More results

유사한 설명 - IRLIZ44N

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
Power MOSFET
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
Power MOSFET
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com