전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA-0505D2LF 데이터시트(PDF) 3 Page - Bothhand USA, LP.

부품명 BA-0505D2LF
상세설명  2 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0505D2LF 데이터시트(HTML) 3 Page - Bothhand USA, LP.

  BA-0505D2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-0505D2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
Isolation Resistance
500Vdc
1000
---
---
Isolation Capacitance
1KHz / 250mV rms
---
40
---
pF
Capacitive Load
2 Watt
---
---
330
μF
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic
---
6 . Ordering Information
BA-xxyyDD1H LF
Device Family
Input Voltage
Output Voltage
"S"For SIL Package;"D"For DIL Package
Output Power
"D"For Dual Output;Nothing For Single Output
RoHS Converter Certified By SGS
Suffix"H"For Isolation Voltage 3KVdc;
Nothing For Isolation Voltage 1KVdc
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


유사한 부품 번호 - BA-0505D2LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BA-0505D2LF BOTHHAND-BA-0505D2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

유사한 설명 - BA-0505D2LF

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com