전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM81810MUV-M 데이터시트(PDF) 7 Page - Rohm

부품명 BM81810MUV-M
상세설명  Automotive Panel Power Management IC
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUV-M 데이터시트(HTML) 7 Page - Rohm

Back Button BM81810MUV-M Datasheet HTML 3Page - Rohm BM81810MUV-M Datasheet HTML 4Page - Rohm BM81810MUV-M Datasheet HTML 5Page - Rohm BM81810MUV-M Datasheet HTML 6Page - Rohm BM81810MUV-M Datasheet HTML 7Page - Rohm BM81810MUV-M Datasheet HTML 8Page - Rohm BM81810MUV-M Datasheet HTML 9Page - Rohm BM81810MUV-M Datasheet HTML 10Page - Rohm BM81810MUV-M Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
7/75
TSZ02201-0313AAF00730-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.July.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BM81810MUV-M
●Electrical Characteristics (Unless otherwise specified, Ta=25℃, VIN, VINB=3.3V)
3. VCOM amplifier block (VCOM)
PARAMETER
SYMBOL
LIMITS
Unit
Condition
MIN
TYP
MAX
Output Voltage Range1
VCOM_HOT
0.5x
AVDD
- 4.0
0.5x
AVDD
0.5x
AVDD
+ 4.0
V
40mV step
Output Voltage Range2
VCOM_COLD
VCOM
HOT
- 0.63
-
VCOM
HOT
V
10mV step
Output Voltage Range3
VCOM_CAL
VCOM
HOT
- 0.63
VCOM
HOT
VCOM
HOT
+0.63V
V
10mV step
Output Voltage Range4
VCOM_RNG
0.2xAVDD
-
0.7x AVDD
V
Calibration Resolution
RES_CAL
7
Bit
Integral Non-Linearity Error
(INL)
INL_CAL
-1
+1
LSB
Differential Non-Linearity Error
(DNL)
DNLCAL
-1
+1
LSB
Output Current Ability
(Source)
ISOURCE
200
mA
Output Current Ability (Sink)
ISINK
200
mA
Load Stability
VLOAD
10
70
mV
Io=-15mA to +15mA
Slew Rate
SR
30
60
80
V/µsec
4. Positive charge pump block (VGH)
PARAMETER
SYMBOL
LIMITS
Unit
Condition
MIN
TYP
MAX
Output Voltage Range 1
VGH_HOT
8.0
35
V
0.2V step
Output Voltage Range 2
VGH_COLD
VGH
HOT
-
VGH
HOT
+15V
V
0.2V step
*Max = 35V
Output Voltage Accuracy 1
VGH_R1
17.46
18
18.54
V
VGH=18V setting
Output Voltage Accuracy 2
VGH_R2
17.1
18
18.9
V
VGH=18V setting
(Ta=-40~105℃)
Soft Start time
VGH_SS
4.25
5
5.75
msec
VGH=18V setting
Under-Voltage Protection voltage
VGH_UVP
VGH×0.7
VGH×0.8
VGH×0.9
V
DRP H Side On Resistance
RON_DRPH
10
20
Ω
DRP L Side On Resistance
RON_DRPL
10
20
Ω
AVDD-CPP1 On Resistance
RON_CPP1
10
20
Ω
CPP1-VCP On Resistance
RON_CPP2
10
20
Ω
VCP-CPP2 On Resistance
RON_CPP3
10
20
Ω
CPP2-VGH On Resistance
RON_CPP4
10
20
Ω
Discharge Resistance
DISR_VGH
150
300
Ω
5. Negative charge pump block (VGL)
PARAMETER
SYMBOL
LIMITS
Unit
Condition
MIN
TYP
MAX
Output Voltage Range
VGL
-14.0
-4.0
V
0.1V step
Output Voltage Accuracy 1
VGL_R1
-6.18
-6
-5.82
V
VGL=-6.0V setting
Output Voltage Accuracy 2
VGL_R2
-6.3
-6
-5.7
V
VGL=-6.0V setting
(Ta=-40~105℃)
Soft Start time
VGL_SS
4.25
5
5.75
msec
Under-Voltage Protection voltage
VGL_UVP
VGL×0.7
VGL×0.8
VGL×0.9
V
DRN H Side On Resistance
RON_DRNH
10
20
Ω
DRN L Side On Resistance
RON_DRNN
10
20
Ω
Discharge Resistance
DISR_VGL
250
500
Ω


유사한 부품 번호 - BM81810MUV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BM81810MUF-M ROHM-BM81810MUF-M Datasheet
3Mb / 78P
Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUV-M

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
4ch System Power Management IC for LCD Panel
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
Automotive Panel Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Rohm
BM81810MUF-M ROHM-BM81810MUF-M Datasheet
3Mb / 78P
Automotive Panel Power Management IC
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
Power Management IC for Automotive Application
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com