| 전자부품 데이터시트 검색엔진 |
|
OMAP3530ECBC72 데이터시트(PDF) 107 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 데이터시트(HTML) 107 Page - Texas Instruments |
|
107 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 2.5.5 Test Interfaces Table 2-19. Test Interfaces – ETK Signals Description SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) etk_ctl ETK trace ctl O AE10 AB2 AD3 etk_clk ETK trace clock O AF10 AB3 AC1 etk_d0 ETK data 0 O AF11 AC3 AD6 etk_d1 ETK data 1 O AG12 AD4 AC6 etk_d2 ETK data 2 O AH12 AD3 AC7 etk_d3 ETK data 3 O AE13 AA3 AD8 etk_d4 ETK data 4 O AE11 Y3 AC5 etk_d5 ETK data 5 O AH9 AB1 AD2 etk_d6 ETK data 6 O AF13 AE3 AC8 etk_d7 ETK data 7 O AH14 AD2 AD9 etk_d8 ETK data 8 O AF9 AA4 AC4 etk_d9 ETK data 9 O AG9 V2 AD5 etk_d10 ETK data 10 O AE7 AE4 AC3 etk_d11 ETK data 11 O AF7 AF6 AC9 etk_d12 ETK data 12 O AG7 AE6 AC10 etk_d13 ETK data 13 O AH7 AF7 AD11 etk_d14 ETK data 14 O AG8 AF9 AC11 etk_d15 ETK data 15 O AH8 AE9 AD12 (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 107 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |