| 전자부품 데이터시트 검색엔진 |
|
UCS81003 데이터시트(PDF) 102 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS81003 데이터시트(HTML) 102 Page - Microchip Technology |
|
102 / 108 page ![]() UCS81003 DS20005334A-page 102 2014 Microchip Technology Inc. B A 0.10 C B 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 1 2 N TOP VIEW SIDE VIEW BOTTOM VIEW For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.05 C Microchip Technology Drawing C04-334A Sheet 1 of 2 A (A3) 28X D E D1 E1 A1 D2 E2 28x b e K 28-Lead Very Thin Plastic Quad Flat Pack, No Lead Package (PV) 5x5 mm Body [VQFN] With Rectangular Exposed Pad L 0.10 C A 2X 0.10 C B 2X 2X 0.10 C A 2X 4X CH |