전자부품 데이터시트 검색엔진 |
|
HQ6025XH5 데이터시트(PDF) 1 Page - Littelfuse |
|
|
HQ6025XH5 데이터시트(HTML) 1 Page - Littelfuse |
1 / 8 page © 2016 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/02/16 Teccor® brand Thyristors 25 Amp High Temperature Alternistor Triacs HQ6025xH5 Series Description 25Amp bi-directional Alternistor Triac is designed for AC switching and phase control applications requiring a higher temperature environment. Alternistor type devices only operate in quadrants I, II, & and are used in circuits requiring high dv/dt capability. Features & Benefits • 150°C maximum junction temperature • RoHS compliant • Glass – passivated junctions • Voltage capability up to 600 V • Surge capability up to 300 A Main Features Symbol Value Unit I T(RMS) 25 A V DRM/VRRM 600 V I GT 50 mA Schematic Symbol MT2 MT1 G Agency Approval Agency Agency File Number L and K Packages: E71639 Applications Typically used in high-temperature environments where available heat-sinking is minimal such as heating and white goods applications. Internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. RoHS Additional Information Datasheet Samples Resources |
유사한 부품 번호 - HQ6025XH5 |
|
유사한 설명 - HQ6025XH5 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |