전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

60N100 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 60N100
상세설명  NPT-Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

60N100 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  60N100 Datasheet HTML 1Page - Fairchild Semiconductor 60N100 Datasheet HTML 2Page - Fairchild Semiconductor 60N100 Datasheet HTML 3Page - Fairchild Semiconductor 60N100 Datasheet HTML 4Page - Fairchild Semiconductor 60N100 Datasheet HTML 5Page - Fairchild Semiconductor 60N100 Datasheet HTML 6Page - Fairchild Semiconductor 60N100 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
FGL60N100BNTD Rev. A
IGBT
FGL60N100BNTD
NPT-Trench IGBT
General Description
Trench insulated gate bipolar transistors (IGBTs) with NPT
technology show outstanding performance in conduction
and switching characteristics as well as enhanced
avalanche ruggedness. These devices are well suited for
Induction Heating ( I-H ) applications
Features
• High Speed Switching
• Low Saturation Voltage : VCE(sat) = 2.5 V @ IC = 60A
• High Input Impedance
• Built-in Fast Recovery Diode
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Symbol
Description
FGL60N100BNTD
Units
VCES
Collector-Emitter Voltage
1000
V
VGES
Gate-Emitter Voltage
± 25
V
IC
Collector Current
@ TC = 25°C60
A
Collector Current
@ TC = 100°C42
A
ICM (1)
Pulsed Collector Current
120
A
IF
Diode Continuous Forward Current
@ TC = 100°C15
A
PD
Maximum Power Dissipation
@ TC = 25°C
180
W
Maximum Power Dissipation
@ TC = 100°C72
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction-to-Case
--
0.69
°C/W
RθJC(DIODE)
Thermal Resistance, Junction-to-Case
--
2.08
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
25
°C/W
Application
Micro- Wave Oven, I-H Cooker, I-H Jar, Induction Heater, Home Appliance
G C
E
TO-264
G
C
E
G
C
E


유사한 부품 번호 - 60N100

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
60N10 ISC-60N10 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Jiangsu Donghai Semicon...
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
719Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
More results

유사한 설명 - 60N100

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD135P NCEPOWER-NCE25GD135P Datasheet
328Kb / 8P
   1350V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com