![]() |
전자부품 데이터시트 검색엔진 |
|
60N100 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
|
60N100 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page ![]() FGL60N100BNTD Rev. A ©2004 Fairchild Semiconductor Corporation Electrical Characteristics of IGBT T C = 25°C unless otherwise noted Electrical Characteristics of DIODE T C = 25°C unless otherwise noted Symbol Parameter Test Conditions Min. Typ. Max. Units Off Characteristics BVCES Collector Emitter Breakdown Voltage VGE = 0V, IC = 1mA 1000 -- -- V ICES Collector Cut-Off Current VCE = 1000V, VGE = 0V -- -- 1.0 mA IGES G-E Leakage Current VGE = ± 25, VCE = 0V -- -- ± 500 nA On Characteristics VGE(th) G-E Threshold Voltage IC = 60mA, VCE = VGE 4.0 5.0 7.0 V VCE(sat) Collector to Emitter Saturation Voltage IC = 10A, VGE = 15V -- 1.5 1.8 V IC = 60A, VGE = 15V -- 2.5 2.9 V Dynamic Characteristics Cies Input Capacitance VCE=10V, VGE = 0V, f = 1MHz -- 6000 -- pF Coes Output Capacitance -- 260 -- pF Cres Reverse Transfer Capacitance -- 200 -- pF Switching Characteristics td(on) Turn-On Delay Time VCC = 600 V, IC = 60A, RG = 51Ω, VGE=15V, Resistive Load, TC = 25°C -- 140 -- ns tr Rise Time -- 320 -- ns td(off) Turn-Off Delay Time -- 630 -- ns tf Fall Time -- 130 250 ns Qg Total Gate Charge VCE = 600 V, IC = 60A, VGE = 15V , , TC = 25°C -- 275 350 nC Qge Gate-Emitter Charge -- 45 -- nC Qgc Gate-Collector Charge -- 95 -- nC Symbol Parameter Test Conditions Min. Typ. Max. Units VFM Diode Forward Voltage IF = 15A -- 1.2 1.7 V IF = 60A -- 1.8 2.1 V trr Diode Reverse Recovery Time IF = 60A di/dt = 20 A/us 1.2 1.5 us IR Instantaneous Reverse Current VRRM = 1000V -- 0.05 2 uA |
유사한 부품 번호 - 60N100 |
|
유사한 설명 - 60N100 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |