| 전자부품 데이터시트 검색엔진 |
|
STM32F746ZE 데이터시트(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746ZE 데이터시트(HTML) 102 Page - STMicroelectronics |
|
102 / 227 page ![]() Electrical characteristics STM32F745xx STM32F746xx 102/227 DocID027590 Rev 4 Table 22. reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit VPVD Programmable voltage detector level selection PLS[2:0]=000 (rising edge) 2.09 2.14 2.19 V PLS[2:0]=000 (falling edge) 1.98 2.04 2.08 V PLS[2:0]=001 (rising edge) 2.23 2.30 2.37 V PLS[2:0]=001 (falling edge) 2.13 2.19 2.25 V PLS[2:0]=010 (rising edge) 2.39 2.45 2.51 V PLS[2:0]=010 (falling edge) 2.29 2.35 2.39 V PLS[2:0]=011 (rising edge) 2.54 2.60 2.65 V PLS[2:0]=011 (falling edge) 2.44 2.51 2.56 V PLS[2:0]=100 (rising edge) 2.70 2.76 2.82 V PLS[2:0]=100 (falling edge) 2.59 2.66 2.71 V PLS[2:0]=101 (rising edge) 2.86 2.93 2.99 V PLS[2:0]=101 (falling edge) 2.65 2.84 2.92 V PLS[2:0]=110 (rising edge) 2.96 3.03 3.10 V PLS[2:0]=110 (falling edge) 2.85 2.93 2.99 V PLS[2:0]=111 (rising edge) 3.07 3.14 3.21 V PLS[2:0]=111 (falling edge) 2.95 3.03 3.09 V VPVDhyst(1) PVD hysteresis - - 100 - mV VPOR/PDR Power-on/power-down reset threshold Falling edge 1.60 1.68 1.76 V Rising edge 1.64 1.72 1.80 V VPDRhyst(1) PDR hysteresis - - 40 - mV VBOR1 Brownout level 1 threshold Falling edge 2.13 2.19 2.24 V Rising edge 2.23 2.29 2.33 V VBOR2 Brownout level 2 threshold Falling edge 2.44 2.50 2.56 V Rising edge 2.53 2.59 2.63 V VBOR3 Brownout level 3 threshold Falling edge 2.75 2.83 2.88 V Rising edge 2.85 2.92 2.97 V VBORhyst(1) BOR hysteresis - - 100 - mV TRSTTEMPO (1)(2) POR reset temporization - 0.5 1.5 3.0 ms IRUSH(1) InRush current on voltage regulator power- on (POR or wakeup from Standby) - - 160 250 mA ERUSH(1) InRush energy on voltage regulator power- on (POR or wakeup from Standby) VDD = 1.7 V, TA = 105 °C, IRUSH = 171 mA for 31 µs -- 5.4 µC |