전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LBQ39E-N1OO-35-1 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LBQ39E-N1OO-35-1
상세설명  LCD Backlighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ39E-N1OO-35-1 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LBQ39E-N1OO-35-1 Datasheet HTML 6Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 7Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 8Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 9Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 10Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 11Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 12Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 13Page - OSRAM GmbH LBQ39E-N1OO-35-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2015-09-01
10
Version 1.3
LB Q39E
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 85 °C
0
0
˚C
T
IF
mA
OHL03587
TS
TA
temp. ambient
T
temp. solder point
S
T
A
20
40
60
80
100
2
4
6
8
10
12
14
16
20
0
-5
F
I
A
tp
s
OHL03588
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
T
t
T
D =
P
P
t
IF
0.2
0.3
0.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.11
0
-5
F
I
A
tp
s
OHL03589
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
T
t
T
D =
P
P
t
IF
0.2
0.3
0.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.11


유사한 부품 번호 - LBQ39E-N1OO-35-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
   LCD Backlighting
More results

유사한 설명 - LBQ39E-N1OO-35-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
   LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
   LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
   LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
   LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
   LCD Backlighting
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
   LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
   LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
   LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
   LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com